Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2450E Datasheet(PDF) 2 Page - Crydom Inc.,

Part # A2450E
Description  panel mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A2450E Datasheet(HTML) 2 Page - Crydom Inc.,

  A2450E Datasheet HTML 1Page - Crydom Inc., A2450E Datasheet HTML 2Page - Crydom Inc., A2450E Datasheet HTML 3Page - Crydom Inc., A2450E Datasheet HTML 4Page - Crydom Inc., A2450E Datasheet HTML 5Page - Crydom Inc., A2450E Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
( D PREFIX)
( A PREFIX)
( E SUFFIX)
Control Voltage Range
3-32 VDC
90-280 Vrms
18-36 Vrms
Maximum Reverse Voltage
-32
-
-
Maximum Turn-On Voltage
3.0 VDC (5)
90 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
4.0 Vrms
Typical Input Current
3.4-20 mA
2.0-4.0 mA
3 mA
Nominal Input Impedance [Ohms]
1500 Ohm
60 K Ohm
9.0 K Ohm
Maximum Turn-On Time [msec] (4)
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
40
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screw and saddle Clamps Furnished, mounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs.
Fastons:
Single pair (up to 25A) Double pair* (50A model only) *Caution: User must connect to both pairs
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sink ing required, for derating curves see page 3.
4) Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)
5) For relays with option ”G” minimum c ontrol voltage is 4.5VDC


Similar Part No. - A2450E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
A2450E CRYDOM-A2450E Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A2450E CRYDOM-A2450E Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2450E CRYDOM-A2450E Datasheet
1,017Kb / 8P
   Panel Mount
A2450EFPGHT-10-B CRYDOM-A2450EFPGHT-10-B Datasheet
1,018Kb / 8P
   Panel Mount
A2450EFPGSH-10 CRYDOM-A2450EFPGSH-10 Datasheet
1,017Kb / 8P
   Panel Mount
More results

Similar Description - A2450E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com