Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2410 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # A2410
Description  panel mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A2410 Datasheet(HTML) 1 Page - Crydom Inc.,

  A2410 Datasheet HTML 1Page - Crydom Inc., A2410 Datasheet HTML 2Page - Crydom Inc., A2410 Datasheet HTML 3Page - Crydom Inc., A2410 Datasheet HTML 4Page - Crydom Inc., A2410 Datasheet HTML 5Page - Crydom Inc., A2410 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series 1 240 VAC
• Crydom's signature family of solid-state relays. Ratings from 10A to
125A @ 24-280 VAC
• SCR output for heavy industrial loads
• AC or DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
UL/CSA/VDE Approved, CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
10A
25A
50A
75A
90A
110A
125A
3-32 VDC
D2410
D2425
D2450
D2475
D2490
D21110
D24125
90-280 VAC
A2410
A2425
A2450
A2475
A2490
A24110
A24125
18-36 VAC
A2410E
A2425E
A2450E
A2475E
A2490E
A24110E
A24125E
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
10A
25A
50A
75A
90A
110A
125A
Operating Voltage (47-63Hz) [Vrms]
24-280
24-280
24-280
24-280
24-280
24-280
24-280
Transient Overvoltage [Vpk]
600
600
600
600
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
10
10
10
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
500
500
500
500
Maximum Load Current (3) [Arms]
10
25
50
75
90
110
125
Minimum Load Current [mArms]
40
40
40
40
40
150
150
Maximum 1 Cycle Surge Current (60Hz) [Apk]
120
250
625
1000
1200
1500
1750
Maximum 1 Cycle Surge Current (50Hz) [Apk]
115
239
597
954
1145
1432
1670
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
1.7
1.7
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.48
1.02
0.63
0.31
0.28
0.25
0.22
Maximum 1/2 Cycle I² t for Fusing (60Hz) [A2 sec]
60
259
1621
4150
5976
9338
12709
Maximum 1/2 Cycle I² t for Fusing (50Hz) [A2 sec]
66
285
1779
4555
6560
10249
13950
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
0.5
0.5
0.5


Similar Part No. - A2410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2410 ETC1-A2410 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A2410 CRYDOM-A2410 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A2410 CRYDOM-A2410 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A2410 CRYDOM-A2410 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2410 CRYDOM-A2410 Datasheet
1,017Kb / 8P
   Panel Mount
More results

Similar Description - A2410

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com