Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3183CJT Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-3183CJT
Description  ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3183CJT Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-3183CJT Datasheet HTML 3Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 4Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 5Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 6Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 7Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 8Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 9Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 10Page - Holt Integrated Circuits HI-3183CJT Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ORDERING INFORMATION
Legend:
NB
- Narrow Body
ESOIC
- Thermally Enhanced Small Outline Package (SOIC with built-in heat sink)
WB
- Wide Body
(1) Gold terminal finish is Pb-Free, RoHS compliant.
(2) Only available with ‘3182PJ’.
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3188
HI -
(Ceramic)
318xxx-xx
HI -
(Plastic)
318xxx x x
PART
PACKAGE
OUTPUT SERIES
NUMBER
DESCRIPTION
RESISTANCE
FUSE
3182PJ
28 PIN PLASTIC J-LEAD PLCC (28J)
37.5 Ohms
Yes
3182PS
16 PIN PLASTIC SMALL OUTLINE - WB ESOIC (16HWE)
37.5 Ohms
Yes
3183PJ
28 PIN PLASTIC J-LEAD PLCC (28J)
13 Ohms
No
3183PS
16 PIN PLASTIC SMALL OUTLINE - WB ESOIC (16HWE)
13 Ohms
No
3184PS
14 PIN PLASTIC SMALL OUTLINE - NB ESOIC (14HNE)
37.5 Ohms
Yes
3185PS
14 PIN PLASTIC SMALL OUTLINE - NB ESOIC (14HNE)
37.5 Ohms
No
3186PS
14 PIN PLASTIC SMALL OUTLINE - NB ESOIC (14HNE)
0 Ohms
No
3188PS
16 PIN PLASTIC SMALL OUTLINE - NB ESOIC (16HNE)
0 Ohms
No
PART
TEMPERATURE
BURN
NUMBER
RANGE
FLOW
IN
I
-40°C TO +85°C
I
No
T
-55°C TO +125°C
T
No
M (Note 2)
-55°C TO +125°C
M
Yes
PART
LEAD
NUMBER
FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free, RoHS compliant)
PART
OUTPUT SERIES
NUMBER
RESISTANCE
FUSE
3182
37.5 Ohms
Yes
3183
13 Ohms
No
(Note 1)
PART
PACKAGE
LEAD
NUMBER
DESCRIPTION
FINISH
CD
16 PIN CERAMIC SIDE BRAZED DIP (16C)
Gold (’M’ Flow: Solder)
CJ
32 PIN J-LEAD CERQUAD (32U) not available with ‘M’ flow
Solder
CL
28 PIN CERAMIC LEADLESS CHIP CARRIER (LCC) (28S)
Gold (’M’ Flow: Solder)
CR
16 PIN CERDIP (16D) not available with ‘M’ flow
Solder
PART
TEMPERATURE
BURN
NUMBER
RANGE
FLOW
IN
I
-40°C TO +85°C
I
No
T
-55°C TO +125°C
T
No
M
-55°C TO +125°C
M
Yes
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-3183CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3183CJT HOLTIC-HI-3183CJT Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3183CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com