Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS4762A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # ZS4762A
Description  1000mW Surface Mount Zener Diodes - 3.3V-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZS4762A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  ZS4762A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.03 20130520
ZS47xxA
ELECTRICAL CHARACTERISTICS
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
Part No.
Marking
code
Test
current
Zener
impedance
Leakage
current
Maximum
Surge
current
ZS4728A
ZS4729A
ZS4730A
ZS4731A
ZS4732A
ZS4733A
ZS4734A
ZS4735A
ZS4736A
ZS4737A
ZS4738A
ZS4739A
ZS4740A
ZS4741A
ZS4742A
ZS4743A
ZS4744A
ZS4745A
ZS4746A
ZS4747A
ZS4748A
ZS4749A
ZS4750A
ZS4751A
ZS4752A
ZS4753A
ZS4754A
ZS4755A
Note : 5% tolerance of Zener voltage
mA
I
ZT
Z
@ I
ZT
ZT
mA
I
ZK
I
R
Volts
V
R
Z
@ I
ZK
ZK
mApk
I
Surge
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
76
69
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
10
10
9
9
8
7
5
2
3.5
4.0
4.5
5
7
8
9
10
14
16
20
22
23
25
35
40
45
50
60
70
Z3V3
Z3V6
Z3V9
Z4V3
Z4V7
Z5V1
Z5V6
Z6V2
Z6V8
Z7V5
Z8V2
Z9V1
Z10
Z11
Z12
Z13
Z15
Z16
Z18
Z20
Z22
Z24
Z27
Z30
Z33
Z36
Z39
Z43
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
0.50
0.50
0.50
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
100
100
50
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
400
400
400
400
500
550
600
700
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1380
1260
1190
1070
970
890
810
730
660
605
550
500
454
414
380
344
304
285
250
225
205
190
170
150
135
125
115
110
ZS4756A
47
5.5
80
Z47
0.25
5
35.8
1500
95
ZS4757A
51
5.0
95
Z51
0.25
5
38.8
1500
90
ZS4758A
56
4.5
110
Z56
0.25
5
42.6
2000
80
ZS4759A
62
4.0
125
Z62
0.25
5
47.1
2000
70
ZS4760A
68
3.7
150
Z68
0.25
5
51.7
2000
65
ZS4761A
75
3.3
175
Z75
0.25
5
56.0
2000
60
ZS4762A
82
3.0
200
Z82
0.25
5
62.2
3000
55
ZS4763A
91
2.8
250
Z91
0.25
5
69.2
3000
50
ZS4764A
100
2.5
350
Z100
0.25
5
76.0
3000
45
(uA)Max
(Ω)Max
(Ω)Max
Zener
voltage
Max.
Nom.
V @ I
(Volts)
Z
ZT
Min.
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.00
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.78
86.10
95.55
105.0


Similar Part No. - ZS4762A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Formosa MS
ZS4729A FORMOSA-ZS4729A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS4762A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
First Components Intern...
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com