Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS4761A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # ZS4761A
Description  1000mW Surface Mount Zener Diodes - 3.3V-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZS4761A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  ZS4761A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZS4761A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZS4761A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZS4761A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZS4761A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20130520
H
ZS47xxA
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Standard zener voltage tolerance ±5%.
Low inductance.
Low profile package.
Built-in strain relief.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. ΖS4728Α-H.
Mechanical data
Case :
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Epoxy : UL94-V0 rated flame retardant
Molded plastic,JEDEC DO-214AC / SMA
1000mW Surface Mount Zener
Diodes - 3.3V-100V
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.20
1000
UNIT
V
mW
Storage temperature
Operating temperature
T
STG
T
J
-55
-65
+150
+175
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 200 mA
F
0.196(4.9)
0.180(4.5)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.068(1.7)
0.060(1.5)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA
Thermal resistance
R
θJC
Junction to case(Note 1)
30
oC/W
Junction to ambient(Note 1)
50
R
θJA
Note:1. Mounted on
FR-4 PCB
0.2"x0.2"(5x5mm)
at TL=75°C


Similar Part No. - ZS4761A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Formosa MS
ZS4729A FORMOSA-ZS4729A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS4761A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
First Components Intern...
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com