Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-2T Datasheet(PDF) 1 Page - Crydom Inc.,

Part # B-2T
Description  power modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

B-2T Datasheet(HTML) 1 Page - Crydom Inc.,

  B-2T Datasheet HTML 1Page - Crydom Inc., B-2T Datasheet HTML 2Page - Crydom Inc., B-2T Datasheet HTML 3Page - Crydom Inc., B-2T Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B-2T, B-2 Series
Eight Circuits to Choose from
For AC or DC Variable Voltage
Output Up to 15KW
• UL Recognized E72445
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Symbol
B5
B6
Maximum DC Output Current (Tc = 85°C)
ID
25A
42.5A
Maximum Voltage Drop @ Amps Peak
VF
1.65V @ 25A
1.65V @ 42.5A
Operating Junction Temperature Range
TJ
-40 - 125°C
-40 - 125°C
Critical Rate of Rise of On-State Current @ TJ=125°C
di/dt
100A/µs
100A/µs
Critical Rate of Rise of Off-State Voltage [V/µs]
dv/dt
500V/µs
500V/µs
AC Line Input Voltage (Repetitive Peak Reverse Voltage)
VRMS
120 (400VRRM)
120 (400VRRM)
AC Line Input Voltage (Repetitive Peak Reverse Voltage)
VRMS
240 (600VRRM)
240 (600VRRM)
AC Line Input Voltage (Repetitive Peak Reverse Voltage)
VRMS
280 (800VRRM)
280(800VRRM)
AC Line Input Voltage (Repetitive Peak Reverse Voltage)
VRMS
480 (1200VRRM)
480(1200VRRM)
Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz)
ITSM
250A
600A
Maximum I²T for Fusing (t=8.3ms) [A²sec]
I2T
260
1500
Minimum Required Gate Current to Trigger @ 25°C
IGT
60mA
80mA
Minimum Required Gate Voltage to Trigger @ 25°C
VGT
2.5V
3.0V
Average Gate Power
PG(AV)
0.5W
0.5W
Maximum Peak Reverse Gate Voltage
VGM
5.0V
5.0V
Maximum Thermal Resistance, Junction to Ceramic Base per Chip
RJC
0.9°C/W
0.7°C/W
Isolation Voltage
VISOL
2500 Vrms
2500 Vrms
GENERAL SPECIFICATIONS
Description
Weight (typical)
1.5 oz (42.5g)


Similar Part No. - B-2T

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
B-2T CYNERGY3-B-2T Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
logo
Sensata Technologies, I...
B-2T SENSATA-B-2T Datasheet
331Kb / 4P
   POWER MODULES
More results

Similar Description - B-2T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
   Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
   Power Modules
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
   Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
   Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
   Power Modules
logo
Inchange Semiconductor ...
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
   Power Modules
logo
Crydom Inc.,
EFD01BF CRYDOM-EFD01BF Datasheet
1Mb / 5P
   Power Modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
   Power Modules
logo
Crydom Inc.,
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
   power modules
L311F CRYDOM-L311F Datasheet
585Kb / 4P
   Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com