Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3549S-1AA-503A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3549S-1AA-503A
Description  3549 10Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549S-1AA-503A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3549S-1AA-503A Datasheet HTML 1Page - Bourns Electronic Solutions 3549S-1AA-503A Datasheet HTML 2Page - Bourns Electronic Solutions 3549S-1AA-503A Datasheet HTML 3Page - Bourns Electronic Solutions 3549S-1AA-503A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
30 ° ± 5 °
16.256
(.640)
MAX.
R
22.225 ± 0.381
(.875 ± .015)
DIA.
25.222 ± 0.787
(.993 ± .031)
6.858 ± 0.254
(.270 ± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525 ± 0.787
(.375 ± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7 ± 0.254
(.500 ± .010)
11.13 ± 0.381
(.438 ± .015)
19.46 ± 0.381
(.766 ± .015)
23.86 ± 0.381
(.939 ± .015)
MOUNTING SURFACE
2
1
3
30 ° ± 5 °
16.256
(.640)
MAX.
R
22.225 ± 0.381
(.875 ± .015)
DIA.
6.858 ± 0.254
(.270 ± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525 ± 0.787
(.375 ± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7 ± 0.254
(.500 ± .010)
11.43 ± 0.381
(.450 ± .015)
19.76 ± 0.381
(.778 ± .015)
24.206 ± 0.381
(.953 ± .015)
MOUNTING SURFACE
2
2
1
1
3
3
31.88 ± 0.78
(1.255 ± .031)
40.21 ± 0.78
(1.583 ± .031)
44.65 ± 0.78
(1.758 ± .031)
45.67 ± 0.78
(1.798 ± .031)
3549 - 10-Turn Precision Potentiometer
Product Dimensions
Single Gang, Servo Mount
Dual Gang, Servo Mount
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX ±
.XXX ±
.XXXX ±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)


Similar Part No. - 3549S-1AA-503A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549S-1AA-502 BOURNS-3549S-1AA-502 Datasheet
497Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549S-1AA-502A BOURNS-3549S-1AA-502A Datasheet
497Kb / 4P
   3549 - 10-Turn Precision Potentiometer
More results

Similar Description - 3549S-1AA-503A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549S-1AA-502A BOURNS-3549S-1AA-502A Datasheet
497Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549H-1AE-102B BOURNS-3549H-1AE-102B Datasheet
409Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com