Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3764-QEG20 Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHR3764-QEG20
Description  21-27GHz Down-Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3764-QEG20 Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHR3764-QEG20 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 12Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 13Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 14Page - United Monolithic Semiconductors CHR3764-QEG20 Datasheet HTML 15Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
21-27GHz Down-Converter
CHR3764-QEG
Ref. : DSCHR3764-QEG1263 - 20 Sep 11
11/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Temperature Board Measurements
T = [-40, +25, 85] °C, VD = VDL = 4V, VGL = -0.6V, VGM = -0.7V, P_LO = 0dBm
Noise Figure in Supradyne Mode at min. att. versus Frequency
F_RF = 2xF_LO+F_IF, F_IF = 1.5GHz, GCx = -1.5V
Board losses de-embedded (result given on package access planes)
Image Rejection on Supradyne Mode versus Frequency
F_IF = 1.5GHz, GCx = -1.5V
0
1
2
3
4
5
6
7
20
21
22
23
24
25
26
27
RF Frequency (GHz)
85°C
25°C
-40°C
0
5
10
15
20
25
30
35
16
17
18
19
20
21
22
23
24
25
26
27
28
RF Frequency (GHz)
-40°C
+25°C
+85°C


Similar Part No. - CHR3764-QEG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3764-QEG UMS-CHR3764-QEG Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
More results

Similar Description - CHR3764-QEG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
logo
Eudyna Devices Inc
FMM5807X EUDYNA-FMM5807X Datasheet
866Kb / 4P
   21-27GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
logo
Marki Microwave
MFB-2400 MARKIMICROWAVE-MFB-2400 Datasheet
310Kb / 7P
   Passive MMIC 21-27GHz Bandpass Filter
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com