Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2297-98F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2297-98F
Description  36-44GHz Multifunction Down-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2297-98F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2297-98F Datasheet HTML 1Page - United Monolithic Semiconductors CHR2297-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHR2297-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHR2297-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHR2297-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHR2297-98F Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHR2297
36-44GHz MFC Down-Converter
Ref.: DSCHR22970204 - 23 Jul 10
4/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
LO Leakage on RF port
-40
-35
-30
-25
-20
-15
-10
-5
0
34
35
36
37
38
39
40
41
42
43
44
45
46
RF Frequency (GHz)
F_IF= 2GHz
F_IF= 6GHz
LO Leakage on IF port
-40
-35
-30
-25
-20
-15
-10
-5
0
34
35
36
37
38
39
40
41
42
43
44
45
46
RF Frequency (GHz)
F_IF= 2GHz
F_IF= 6GHz


Similar Part No. - CHR2297-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
More results

Similar Description - CHR2297-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
CHR2299-99F UMS-CHR2299-99F_15 Datasheet
409Kb / 12P
   40-44GHz Down converter
CHR2299-99F UMS-CHR2299-99F Datasheet
398Kb / 12P
   40-44GHz Down converter
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
   36-44GHz Variable Attenuator
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
CHU2299-99F UMS-CHU2299-99F_15 Datasheet
387Kb / 12P
   40-44GHz Up converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com