Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3012D-02 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA3012D-02
Description  4-Channel Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3012D-02 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA3012D-02 Datasheet HTML 2Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 3Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 4Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 5Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 6Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 7Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 8Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 9Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
KA3012D
6
Absolute Maximum Rating (Ta = 25
°C)
NOTE:
1. When mounted on 50mm
× 50mm × 1mm PCB (Phenolic resin material).
2. Power dissipation reduces 13.6mW /
°C for using above Ta=25°C.
3. Do not exceed PD and SOA (Safe operating area).
Power Dissipation Curve
Recommended Operating Condition (Ta = 25
°C)
Parameter
Symbol
Value
Unit
Supply voltage
VCC
15
V
Power dissipation
PD
1.7note
W
Operating temperature range
TOPR
−35 ~ +85
°C
Storage temperature range
TSTG
−55 ~ +150
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
SVCC, VCC1, VCC2
4.5
-
13.2
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]
SOA
85


Similar Part No. - KA3012D-02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
More results

Similar Description - KA3012D-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com