Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK040A-SOA26 Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHK040A-SOA26
Description  40W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK040A-SOA26 Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHK040A-SOA26 Datasheet HTML 6Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 7Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 8Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 9Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 10Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 11Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 12Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 13Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
40W Power Packaged Transistor
CHK040A-SOA
Ref. : DSCHK040ASOA3021 - 21 Jan 13
10/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Demonstration Amplifier Circuit (Ref. 61499547)


Similar Part No. - CHK040A-SOA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK040A-SOA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
   40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
   7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
   Linear Power Transistor, 40W 850 - 1450 MHz
logo
NTE Electronics
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
   Silicon NPN RF Power Transistor 40W @ 175MHz
logo
Delta Electronics, Inc.
DPS-40AP-10A DELTA-DPS-40AP-10A Datasheet
1Mb / 3P
   Total power 40W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com