Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK025A-SOA26 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHK025A-SOA26
Description  25W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK025A-SOA26 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHK025A-SOA26 Datasheet HTML 4Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 5Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 6Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 7Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 8Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 9Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 10Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 11Page - United Monolithic Semiconductors CHK025A-SOA26 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
25W Power Packaged Transistor
CHK025A-SOA
Ref. : DSCHK025ASOA3021 - 21 Jan 13
8/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Performance on Demonstration Board (Ref. 61500252)
Calibration and measurements are done on the connector reference accesses of the
demonstration boards.
Tcase = +25°C, Pulsed mode
(1)
Measured Pout, Gain, PAE & Id
F = 4GHz, VDS = 50V, ID_Q = 200mA
Measured Pout , PAE & Gain
Pin = 32.5 dBm, VDS = 50V, ID_Q = 200mA
(1) Input RF and gate voltage are pulsed. Conditions are 25µs width, 10% duty cycle and 1µs
offset between RF and DC pulse.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
55
60
10
15
20
25
30
35
Input Power (dBm)
39
40
41
42
43
44
45
46
47
48
49
50
0
5
10
15
20
25
30
35
40
45
50
55
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
Frequency (GHz)
Pout
PAE
Gain
Id
PAE
Pout
Gain


Similar Part No. - CHK025A-SOA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
   40W Power Packaged Transistor
CHK040A-SOA26 UMS-CHK040A-SOA26 Datasheet
405Kb / 14P
   40W Power Packaged Transistor
More results

Similar Description - CHK025A-SOA26

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012_15 Datasheet
1,019Kb / 8P
   25W RF Power Transistor
NPTB00025 MA-COM-NPTB00025_15 Datasheet
683Kb / 6P
   25W RF Power Transistor
logo
United Monolithic Semic...
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
   40W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
M/A-COM Technology Solu...
NPTB00025 MA-COM-NPTB00025 Datasheet
683Kb / 6P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
List of Unclassifed Man...
NPT1012 ETC2-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
MicroPower Direct, LLC
MPM-25SV MPD-MPM-25SV Datasheet
905Kb / 4P
   25W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com