Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA7115-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA7115-99F
Description  X-band High Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7115-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA7115-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA7115-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA7115-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA7115-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA7115-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA7115-99F Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
X-band High Power Amplifier
CHA7115-99F
Ref : DSCHA71151069 - 10 Mar 11
3/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical measured characteristics
Measurements on Wafer:
Vd = 8V, Id (Quiescent) = 2.2A, Drain Pulse width = 25µs, Duty cycle = 10%
Linear gain versus frequency
Output Power @ 4dBcomp versus frequency
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (GHz)
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
39.0
39.5
40.0
40.5
41.0
41.5
42.0
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (GHz)


Similar Part No. - CHA7115-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7115-99F UMS-CHA7115-99F Datasheet
152Kb / 6P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
More results

Similar Description - CHA7115-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
   X-band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com