Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1278T-105KLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS1278T-105KLD
Description  SMT Power Inductors MSS1278T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1278T-105KLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS1278T-105KLD Datasheet HTML 1Page - Coilcraft lnc. MSS1278T-105KLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH TEMPERA
TURE
Document 598-1
Document 598-1 Revised 08/18/11
SMT Power Inductors–MSS1278T
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
typ4 10% 20%
30% 20°C 40°C
Part number1
(µH)
typ
max
(MHz) drop drop drop rise rise
MSS1278T-102NL_
1.0 ±30%
6.3
7.0 115
31.84 35.04 36.84
7.1 10.1
MSS1278T-142NL_
1.4 ±30%
8.8
9.8
85
25.04 27.76 29.52
6.8
9.8
MSS1278T-222NL_
2.2 ±30%
9.4
10.5
60
22.56 24.80 25.96
6.3
9.2
MSS1278T-272NL_
2.7 ±30% 10.1
11.3
40
18.76 20.72 22.04
6.1
8.6
MSS1278T-392NL_
3.9 ±30% 11.7
13.0
35
16.52 18.24 19.20
5.7
7.7
MSS1278T-472ML_
4.7 ±20% 13.9
15.5
33
15.30 16.90 17.76
4.3
6.2
MSS1278T-562ML_
5.6 ±20% 15.7
17.5
30
13.38 14.86 15.74
4.3
6.2
MSS1278T-682ML_
6.8 ±20% 19.1
21.3
23
12.10 13.56 14.20
4.2
6.0
MSS1278T-822ML_
8.2 ±20% 20.3
22.6
20
11.38 12.60 13.28
4.1
5.9
MSS1278T-103ML_ 10 ±20%
21.8
24.3
17
10.62 11.82 12.48
4.0
5.7
MSS1278T-123ML_ 12 ±20%
23.2
25.8
15
8.90
9.88 10.44
3.7
5.2
MSS1278T-153ML_ 15 ±20%
27.9
31.0
13
8.36
9.32
9.94
3.5
4.9
MSS1278T-183ML_ 18 ±20%
30.8
34.3
12
8.00
8.88
9.36
3.0
4.5
MSS1278T-223ML_ 22 ±20%
35.5
39.5
11
7.08
7.88
8.34
2.9
4.0
MSS1278T-273ML_ 27 ±20%
45.0
50.0
10
6.32
7.08
7.54
2.6
3.6
MSS1278T-333ML_ 33 ±20%
61.9
68.8
9.5
5.96
6.56
6.98
2.3
3.1
MSS1278T-393ML_ 39 ±20%
69.1
76.8
8.5
5.38
5.94
6.28
2.1
3.0
MSS1278T-473ML_ 47 ±20%
72.3
80.4
7.5
4.76
5.40
5.66
2.0
2.9
MSS1278T-563ML_ 56 ±20%
80.2
89.2
7.0
4.40
4.98
5.30
1.9
2.7
MSS1278T-683ML_ 68 ±20%
91.3 101.5
6.5
3.92
4.46
4.74
1.8
2.6
MSS1278T-823ML_ 82 ±20%
125.9 139.9
5.0
3.66
4.08
4.38
1.6
2.3
MSS1278T-104ML_ 100 ±20%
135.1 150.2
4.5
3.12
3.56
3.78
1.5
2.2
MSS1278T-124KL_ 120 ±10%
182.3 202.6
4.3
3.02
3.36
3.58
1.4
1.9
MSS1278T-154KL_ 150 ±10%
216.5 240.6
4.1
2.60
2.94
3.10
1.3
1.8
MSS1278T-184KL_ 180 ±10%
229.0 254.5
4.0
2.36
2.68
2.84
1.2
1.7
MSS1278T-224KL_ 220 ±10%
323.6 359.6
3.4
2.24
2.50
2.62
1.0
1.6
MSS1278T-274KL_ 270 ±10%
415.6 461.8
3.1
1.94
2.18
2.34
0.90 1.2
MSS1278T-334KL_ 330 ±10%
487.3 541.5
2.9
1.72
1.92
2.06
0.80 1.0
MSS1278T-394KL_ 390 ±10%
533.6 592.9
2.7
1.62
1.82
1.92
0.75 1.0
MSS1278T-474KL_ 470 ±10%
707.5 786.2
2.2
1.44
1.64
1.74
0.66 0.90
MSS1278T-564KL_ 560 ±10%
777.4 863.8
2.0
1.40
1.54
1.66
0.60 0.80
MSS1278T-684KL_ 680 ±10% 1045 1162
1.7
1.24
1.32
1.46
0.55 0.75
MSS1278T-824KL_ 820 ±10% 1166 1296
1.4
1.14
1.28
1.42
0.50 0.70
MSS1278T-105KL_ 1000 ±10% 1334 1482
1.3
0.982 1.08
1.18
0.48 0.68
Designer’s Kit C419 contains 3 of each value
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight: 3.8 g – 4.6 g
Ambient temperature –40°C to +125°C with Irms current, +125°C to
+165°C with derated current
Storage temperature Component: –40°C to +165°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500/13
″ reel; Plastic tape: 24 mm wide, 0.4 mm thick,
16 mm pocket spacing, 8.1 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Designedforhighambienttemperatures
• VerylowDCR,excellentcurrenthandling
• Magneticshieldingforhighdensitymounting
1. Please specify
termination and packaging codes:
MSS1278T-105KLD
Termination: L = RoHS compliant matte tin over
nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS
tin-lead (63/37).
Packaging: D= 13
″ machine-ready reel. EIA-481
embossed plastic tape (500 parts
per full reel).
B= Less than full reel. In tape, but
not machine ready.
To have a leader and trailer
added ($25 charge), use code
letter D instead.
2. Inductancetestedat100kHz,0.1Vrms,0Adcusing
an Agilent/HP 4263B LCR meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D net-
work analyzer and a Coilcraft SMD-D test fixture.
5. DC current at which the inductance drops the
specified amount from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.


Similar Part No. - MSS1278T-105KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278T-105KLD COILCRAFT-MSS1278T-105KLD Datasheet
255Kb / 2P
   SMT Power Inductors - MSS1278T
MSS1278T-105KLD COILCRAFT-MSS1278T-105KLD Datasheet
516Kb / 2P
   SMT Power Inductors
More results

Similar Description - MSS1278T-105KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278T-473MLD COILCRAFT-MSS1278T-473MLD Datasheet
255Kb / 2P
   SMT Power Inductors - MSS1278T
MSS1278T-392NLB COILCRAFT-MSS1278T-392NLB Datasheet
255Kb / 2P
   SMT Power Inductors ??MSS1278T
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com