Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0004PXDQS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RQA0004PXDQS
Description  Silicon N-Channel MOS FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0004PXDQS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RQA0004PXDQS Datasheet HTML 2Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 3Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 4Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 5Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 6Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 7Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 8Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 9Page - Renesas Technology Corp RQA0004PXDQS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
RQA0004PXDQS
Preliminary
R07DS0418EJ0500 Rev.5.00
Page 6 of 18
May 09, 2012
Evaluation Circuit 2 (@VDD = 3.7 & 6.0V Tuning, f = 520 MHz)
RF OUT
RF IN
VGG
VDD
C1 C2
C3
C5
C6
C12
C13
L1
L4
L2
L3
R1
C1, C4, C10, C14: 100 pF Chip Capacitor
C2:
10 pF Chip Capacitor
C3, C7:
2 pF Chip Capacitor
C5, C12:
1000 pF Chip Capacitor
C6, C11:
1
μF /+16V Chip Tantalum Capacitor
C8:
2200 pF Chip Capacitor
C9:
3 pF Chip Capacitor
C13:
8 pF Chip Capacitor
L1, L2, L4:
5.6 nH Chip Inductor
L3:
27 nH Chip Inductor
L5:
4Turns D : 0.5 mm,
φ2.4 mm Enamel Wire
R1:
6.8k
Ω Chip Resistor
R2:
180
Ω Chip Resistor
50
Ω
50
Ω
C14
C11
C9
C7
C8
C10
C4
L5
R2
RQA0004
Output Power, Drain Current
vs. Input Power
Input Power Pin (dBm)
0
5
10
25
30
0
0.1
0.2
0.3
-5
0
5
10
20
0.15
0.05
VDS = 3.7V
IDQ = 50 mA
f = 520 MHz
ID
Pout
15
15
0.25
Power Gain, Power Added Efficiency
vs. Input Power
Input Power Pin (dBm)
0
10
20
30
40
0
20
40
60
80
-5
0
5
10
PAE
PG
15
VDS = 3.7V
IDQ = 50 mA
f = 520 MHz


Similar Part No. - RQA0004PXDQS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0004PXDQS RENESAS-RQA0004PXDQS Datasheet
162Kb / 13P
   Silicon N-Channel MOS FET
RQA0004PXDQS RENESAS-RQA0004PXDQS_11 Datasheet
149Kb / 15P
   Silicon N-Channel MOS FET
RQA0004PXDQS RENESAS-RQA0004PXDQS_15 Datasheet
184Kb / 19P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0004PXDQS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com