Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQJ0201UGDQA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RQJ0201UGDQA
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0201UGDQA Datasheet(HTML) 5 Page - Renesas Technology Corp

  RQJ0201UGDQA Datasheet HTML 1Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 2Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 3Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 4Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 5Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 6Page - Renesas Technology Corp RQJ0201UGDQA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RQJ0201UGDQA
Preliminary
R07DS0290EJ0400 Rev.4.00
Page 5 of 6
Mar 28, 2011
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Input Capacitance vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Reverse Drain Current vs.
Source to Drain Voltage
Source to Drain Voltage VSD (V)
Body-Drain Diode Forward Voltage vs.
Case Temperature
Case Temperature Tc (°C)
tf
Pulse Test
Tc = 25°C
10V
5V
VGS = 0 V
5, 10 V
–0.2
–0.3
–0.4
–0.5
–0.6
0
–4
–2
–6
–8
–10
25
50
75
100
125
150
0
–0.4
–0.8
–1.2
–1.6
–2.0
800
850
900
950
1000
1050
1100
10 –8 –6 –4 –20
2
4
8
610
10
100
1000
–0
–5
–10
–15
–20
1
10
100
1000
0.1
1
10
0
2468
10
0
–20
–40
0
–4
–8
–12
–16
ID = –3.4 A
Tc = 25°C
–10 V
VDD = –20 V
–10 V
12
VDD = –20 V
VGS
VDS
–5 V
–5 V
16
VDD = –10 V
VGS = –4.5 V
Rg = 4.7
Ω
PW = 5
μs
Tc = 25°C
td(on)
td(off)
tr
VDS = 0 V
f = 1 MHz
–1 mA
ID = –10 mA
VGS = 0
Crss
Coss
VGS = 0 V
f = 1 MHz
Ciss


Similar Part No. - RQJ0201UGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0201UGDQA RENESAS-RQJ0201UGDQA Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0201UGDQATL-E RENESAS-RQJ0201UGDQATL-E Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
logo
VBsemi Electronics Co.,...
RQJ0201UGDQATL-E VBSEMI-RQJ0201UGDQATL-E Datasheet
466Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Renesas Technology Corp
RQJ0201UGDQA RENESAS-RQJ0201UGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0201UGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com