Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5270B Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # MMBZ5270B
Description  225 mW SOT-23 Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBZ5270B Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  MMBZ5270B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBZ5270B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBZ5270B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMBZ5270B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MMBZ5270B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.02 20120403
MMBZ52xxB Series
DEVICE CHARACTERISTICS
8
7
6
5
4
3
2
1
0
-1
-2
-3
2
3
4
5
6
7
8
9
10
11
12
100
10
1
10
100
1K
100
10
1
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 1. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
V F , FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
V Z @ I ZT
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
T J = 25°C
I Z(AC) = 0.1 I Z(DC)
f = 1 kHz
V Z @ I ZT
I Z = 1 mA
5 mA
20 mA
1000
100
10
1
150°C
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
75°C 25°C
0°C


Similar Part No. - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBZ5270B WEITRON-MMBZ5270B Datasheet
268Kb / 5P
   Surface Mount Zener Diodes
MMBZ5270B WEITRON-MMBZ5270B Datasheet
295Kb / 3P
   Surface Mount Zener Diode
logo
Formosa MS
MMBZ5270B FORMOSA-MMBZ5270B Datasheet
555Kb / 8P
   Zener Diode
logo
ON Semiconductor
MMBZ5270BL ONSEMI-MMBZ5270BL Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBZ5270BLT1 LRC-MMBZ5270BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
More results

Similar Description - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com