Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5262BS Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMSZ5262BS
Description  200mW SOD-323 SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMSZ5262BS Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMSZ5262BS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMSZ5262BS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMSZ5262BS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMSZ5262BS Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20110725
MMSZ52xxBS Series
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
(Note 1)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MMSZ5244BS
14V
13.30
14
14.70
9
15
600
0.1
10
MMSZ5245BS
15V
14.25
15
15.75
8.5
16
600
0.1
11
MMSZ5246BS
16V
15.20
16
16.80
7.8
17
600
0.1
12
MMSZ5247BS
17V
16.15
17
17.85
7.4
19
600
0.1
13
MMSZ5248BS
18V
17.10
18
18.90
7
21
600
0.1
14
MMSZ5249BS
19V
18.05
19
19.95
6.6
23
600
0.1
14
MMSZ5250BS
20V
19.00
20
21.00
6.2
25
600
0.1
15
MMSZ5251BS
22V
20.90
22
23.10
5.6
29
600
0.1
17
MMSZ5252BS
24V
22.80
24
25.20
5.2
33
600
0.1
18
MMSZ5253BS
25V
23.75
25
26.25
5
35
600
0.1
19
MMSZ5254BS
27V
25.65
27
28.35
4.6
41
600
0.1
21
MMSZ5255BS
28V
26.60
28
29.40
4.5
44
600
0.1
21
MMSZ5256BS
30V
28.50
30
31.50
4.2
49
600
0.1
23
MMSZ5257BS
33V
31.35
33
34.65
3.8
58
700
0.1
25
MMSZ5258BS
36V
34.20
36
37.80
3.4
70
700
0.1
27
MMSZ5259BS
39V
37.05
39
40.95
3.2
80
800
0.1
30
MMSZ5260BS
43V
40.85
43
45.15
3
93
900
0.1
33
MMSZ5261BS
47V
44.65
47
49.35
2.7
105
1000
0.1
36
MMSZ5262BS
51V
48.45
51
53.55
2.5
125
1100
0.1
39
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The zener voltage (VZ) is tested under pulse condition of 1mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
MMSZ5263BS
56V
53.20
56
58.80
2.2
150
1300
0.1
43
MMSZ5264BS
Z60V
57.00
60
63.00
2.1
170
1400
0.1
46
MMSZ5265BS
Z62V
58.90
62
65.10
2.0
185
1400
0.1
47
MMSZ5266BS
Z68V
64.60
68
71.40
1.8
230
1600
0.1
52
MMSZ5267BS
Z75V
71.25
75
78.75
1.7
270
1700
0.1
56


Similar Part No. - MMSZ5262BS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MMSZ5262BS WTE-MMSZ5262BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5262BS PANJIT-MMSZ5262BS Datasheet
79Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5262BS PANJIT-MMSZ5262BS Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5262BS LUGUANG-MMSZ5262BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Microdiode Electronics ...
MMSZ5262BS CHENDA-MMSZ5262BS Datasheet
375Kb / 4P
   Surface mount zener diode
More results

Similar Description - MMSZ5262BS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com