Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812LS-273XJLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812LS-273XJLB
Description  Chip Inductors 1812LS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812LS-273XJLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812LS-273XJLB Datasheet HTML 1Page - Coilcraft lnc. 1812LS-273XJLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
1812LS (4532) Chip Inductors
Document 106-2
Document 106-2 Revised 01/19/12
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
Typical Q vs Frequency
Typical L vs Current
10000
1000
100
10
1
10
DC Current (mA)
100
1000
1000 µH
330 µH
100 µH
33 µH
12 µH
Frequency (MHz)
0.1
60
50
40
30
20
10
0
0.2 0.3 0.4
0.6
12
45
38
610
0.79 MHz
2.5 MHz
1000 µH
560 µH
82 µH
270 µH
33 µH
18 µH
12 µH
Irms Derating
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C314 contains 10 of each value
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 142–171mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+100°Cwithderatedcurrent
Storage temperature Component:–40°Cto+100°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +200to+700ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel. Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth
PCB washing Only pure water or alcohol recommended
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1812LS-273XJLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812LS-273XJLB COILCRAFT-1812LS-273XJLB Datasheet
125Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1812LS-273XJLB COILCRAFT-1812LS-273XJLB Datasheet
108Kb / 2P
   Chip Inductors - 1812LS Series (4532)
More results

Similar Description - 1812LS-273XJLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812LS-473XJBC COILCRAFT-1812LS-473XJBC Datasheet
125Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1812LS-104XJLC COILCRAFT-1812LS-104XJLC Datasheet
108Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
logo
Bourns Electronic Solut...
CC322522A BOURNS-CC322522A Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
logo
Coilcraft lnc.
1008CS-151XKLB COILCRAFT-1008CS-151XKLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
logo
Bourns Electronic Solut...
CC453232A BOURNS-CC453232A Datasheet
619Kb / 5P
   CC453232A Series – Chip Inductors
07/20
logo
Coilcraft lnc.
1008CS-151XGLC COILCRAFT-1008CS-151XGLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
1206CS-102XJBC COILCRAFT-1206CS-102XJBC Datasheet
107Kb / 2P
   Chip Inductors ??1206CS Series
1008CS-561XGLB COILCRAFT-1008CS-561XGLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com