Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2F060M3E-CSG256Y Datasheet(PDF) 9 Page - Microsemi Corporation

Part # A2F060M3E-CSG256Y
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060M3E-CSG256Y Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button A2F060M3E-CSG256Y Datasheet HTML 5Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 6Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 7Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 8Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 9Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 10Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 11Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 12Page - Microsemi Corporation A2F060M3E-CSG256Y Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
Revision 10
1-1
1 – SmartFusion Family Overview
Introduction
The SmartFusion® family of cSoCs builds on the technology first introduced with the Fusion mixed signal
FPGAs. SmartFusion cSoCs are made possible by integrating FPGA technology with programmable
high-performance analog and hardened ARM Cortex-M3 microcontroller blocks on a flash semiconductor
process. The SmartFusion cSoC takes its name from the fact that these three discrete technologies are
integrated on a single chip, enabling the lowest cost of ownership and smallest footprint solution to you.
General Description
Microcontroller Subsystem (MSS)
The MSS is composed of a 100 MHz Cortex-M3 processor and integrated peripherals, which are
interconnected via a multi-layer AHB bus matrix (ABM). This matrix allows the Cortex-M3 processor,
FPGA fabric master, Ethernet message authentication controller (MAC), when available, and peripheral
DMA (PDMA) controller to act as masters to the integrated peripherals, FPGA fabric, embedded
nonvolatile memory (eNVM), embedded synchronous RAM (eSRAM), external memory controller
(EMC), and analog compute engine (ACE) blocks.
SmartFusion cSoCs of different densities offer various sets of integrated peripherals. Available
peripherals include SPI, I2C, and UART serial ports, embedded FlashROM (EFROM), 10/100 Ethernet
MAC, timers, phase-locked loops (PLLs), oscillators, real-time counters (RTC), and peripheral DMA
controller (PDMA).
Programmable Analog
Analog Front-End (AFE)
SmartFusion cSoCs offer an enhanced analog front-end compared to Fusion devices. The successive
approximation register analog-to-digital converters (SAR ADC) are similar to those found on Fusion
devices. SmartFusion cSoC also adds first order sigma-delta digital-to-analog converters (SDD DAC).
SmartFusion cSoCs can handle multiple analog signals simultaneously with its signal conditioning blocks
(SCBs). SCBs are made of a combination of active bipolar prescalers (ABPS), comparators, current
monitors and temperature monitors. ABPS modules allow larger bipolar voltages to be fed to the ADC.
Current monitors take the voltage across an external sense resistor and convert it to a voltage suitable
for the ADC input range. Similarly, the temperature monitor reads the current through an external PN-
junction (diode or transistor) and converts it internally for the ADC. The SCB also includes comparators
to monitor fast signal thresholds without using the ADC. The output of the comparators can be fed to the
analog compute engine or the ADC.
Analog Compute Engine (ACE)
The mixed signal blocks found in SmartFusion cSoCs are controlled and connected to the rest of the
system via a dedicated processor called the analog compute engine (ACE). The role of the ACE is to
offload control of the analog blocks from the Cortex-M3, thus offering faster throughput or better power
consumption compared to a system where the main processor is in charge of monitoring the analog
resources. The ACE is built to handle sampling, sequencing, and post-processing of the ADCs, DACs,
and SCBs.


Similar Part No. - A2F060M3E-CSG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F060 MICROSEMI-A2F060 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F060 MICROSEMI-A2F060 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A2F060 MICROSEMI-A2F060 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - A2F060M3E-CSG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com