Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2822D Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KA2822D
Description  3-Phase BLDC Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822D Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA2822D Datasheet HTML 6Page - Fairchild Semiconductor KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor KA2822D Datasheet HTML 10Page - Fairchild Semiconductor KA2822D Datasheet HTML 11Page - Fairchild Semiconductor KA2822D Datasheet HTML 12Page - Fairchild Semiconductor KA2822D Datasheet HTML 13Page - Fairchild Semiconductor KA2822D Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
KA2822D
10
Electrical Characteristics (Continued)
(Ta=25
°C, VCC=5V)
Notes:
Reference value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
CHARGE PUMP
Charge current
ICP
RPM=L
−15
−20
−25
µA
Discharge current
ICP+
RPM=L
15
20
25
µA
Current ratio note
IR
ICP+ / ICP
0.9
1.0
1.1
-
Off current
IOFF
VCP=0.63V
-
-
50
nA
Clamp voltage note
VCLP
-
-
1.3
1.5
V
FG AMP
Output DC voltage note
VFG
-
1.0
1.3
1.6
V
Voltage gain 2
GFG
-24
34
44
dB
Input voltage range note
VIN
-
2.0
-
20
mVP-P
Noise margin 1 note
ND
Differential noise
-
-
0.5
mVP-P
Noise margin 2 note
NC
Common mode noise
-
-
0.5
VP-P
SPEED CONTROL
Count range 1note
N1
RPM=L
-
1666.5
-
-
Count range 2 note
N2
RPM=H
-
1388.5
-
-
Operating freq.
FD
-
-
1.0
1.1
MHz
BURST ADJUSTMENT
Input current
IBI
--
1
2
µA
Threshold voltage 1
VTH1
RPM=L
1.2
1.45
1.7
V
Threshold voltage 2
VTH2
RPM=H
1.05
1.3
1.55
V
PULSE WIDTH ADJUSMENT
Ct2 charge current
ICT2
-
−19
−25
−36
µA
Threshold voltage 3
VTH3
-
0.9
1.1
1.3
V
INDEX OUTPUT
Output leakage current note
IOH
--
1
2
µA
Output low voltageVO1
IO=1mA
-
0.2
0.4
V


Similar Part No. - KA2822D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822CDTF FAIRCHILD-KA2822CDTF Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results

Similar Description - KA2822D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com