Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503B-WAN-CCACB231 Datasheet(PDF) 5 Page - Cree, Inc

Part # C503B-WAN-CCACB231
Description  5mm Round LED Luminous Intensity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-WAN-CCACB231 Datasheet(HTML) 5 Page - Cree, Inc

  C503B-WAN-CCACB231 Datasheet HTML 1Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 2Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 3Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 4Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 5Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 6Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 7Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 8Page - Cree, Inc C503B-WAN-CCACB231 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT876.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool White
C503B-WAN-CAbBb151
15
14400
23500
W1,W2,W3,W4,W5
Cool White
C503B-WAN-CAbBb231
15
14400
23500
W2,W3
Cool White
C503B-WAN-CBaBb231
15
16800
23500
W2,W3
Cool White
C503B-WAN-CCaCb151
15
23500
32900
W1,W2,W3,W4,W5
Cool White
C503B-WAN-CCaCb231
15
23500
32900
W2,W3
Notes:
1. The above Kit numbers represent order codes which include multiple intensity-bin and color-bin codes.
Only one intensity-bin code and one color-bin code will be shipped on each reel.
Single intensity-bin code and single color-bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - C503B-WAN-CCACB231

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-WAN-CCADA151 CREE-C503B-WAN-CCADA151 Datasheet
1Mb / 10P
   Cree 5mm Round LED
C503B-WAN-CCADA341 CREE-C503B-WAN-CCADA341 Datasheet
1Mb / 10P
   Cree 5mm Round LED
C503B-WAN-CCADA342 CREE-C503B-WAN-CCADA342 Datasheet
1Mb / 10P
   Cree 5mm Round LED
More results

Similar Description - C503B-WAN-CCACB231

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR7CA5A31A OPTOSUPPLY-OSR7CA5A31A Datasheet
110Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSV5YL5111A OPTOSUPPLY-OSV5YL5111A Datasheet
105Kb / 1P
   5mm Round Violet LED 5mm Round Standard Directivity High Luminous LEDs
OSR7CA5111A OPTOSUPPLY-OSR7CA5111A Datasheet
109Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSRRJ25111A OPTOSUPPLY-OSRRJ25111A Datasheet
107Kb / 1P
   5mm Round Red & Red LED 5mm Round Standard Directivity High Luminous LEDs
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
logo
STANLEY ELECTRIC CO.,LT...
MB1112H-TR STANLEY-MB1112H-TR Datasheet
182Kb / 3P
   Sorting For Luminous intensity LED
MG1111C-TR STANLEY-MG1111C-TR Datasheet
192Kb / 3P
   Sorting For Luminous intensity LED
logo
OSRAM GmbH
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
OptoSupply Internationa...
OSM5735141R OPTOSUPPLY-OSM5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Warm White LED 5mm Round Standard Directivity High Luminous LEDs
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com