Electronic Components Datasheet Search |
|
CWR06FH155KDC Datasheet(PDF) 3 Page - Vishay Siliconix |
|
CWR06FH155KDC Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 7 page CWR06 www.vishay.com Vishay Sprague Revision: 27-Feb-13 3 Document Number: 40009 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 10 VDC AT + 85 °C; 7 VDC AT + 125 °C 1.0 A CWR06F(1)105(2)(3)(4)(5) 1.0 10 12 6 8 8 12.0 2.2 B CWR06F(1)225(2)(3)(4)(5) 1.0 10 12 6 8 8 8.0 3.3 C CWR06F(1)335(2)(3)(4)(5) 1.0 10 12 6 8 8 5.5 4.7 D CWR06F(1)475(2)(3)(4)(5) 1.0 10 12 6 8 8 4.5 6.8 E CWR06F(1)685(2)(3)(4)(5) 1.0 10 12 6 8 8 3.5 15 F CWR06F(1)156(2)(3)(4)(5) 2.0 20 24 8 8 10 2.5 33 G CWR06F(1)336(2)(3)(4)(5) 3.0 30 36 10 12 12 1.1 47 H CWR06F(1)476(2)(3)(4)(5) 5.0 50 60 10 12 12 0.9 15 VDC AT + 85 °C; 10 VDC AT + 125 °C 0.68 A CWR06H(1)684(2)(3)(4)(5) 1.0 10 12 6 8 8 12.0 1.5 B CWR06H(1)155(2)(3)(4)(5) 1.0 10 12 6 8 8 8.0 2.2 C CWR06H(1)225(2)(3)(4)(5) 1.0 10 12 6 8 8 5.5 3.3 D CWR06H(1)335(2)(3)(4)(5) 1.0 10 12 6 8 8 5.0 4.7 E CWR06H(1)475(2)(3)(4)(5) 1.0 10 12 6 8 8 4.0 10 F CWR06H(1)106(2)(3)(4)(5) 2.0 20 24 6 8 8 2.5 22 G CWR06H(1)226(2)(3)(4)(5) 4.0 40 48 6 8 8 1.1 33 H CWR06H(1)336(2)(3)(4)(5) 5.0 50 60 8 8 10 0.9 20 VDC AT + 85 °C; 13 VDC AT + 125 °C 0.47 A CWR06J(1)474(2)(3)(4)(5) 1.0 10 12 8 8 10 16.0 0.68 B CWR06J(1)684(2)(3)(4)(5) 1.0 10 12 6 8 8 14.0 1.0 B CWR06J(1)105(2)(3)(4)(5) 1.0 10 12 6 8 8 12.0 1.5 C CWR06J(1)155(2)(3)(4)(5) 1.0 10 12 6 8 8 6.0 2.2 D CWR06J(1)225(2)(3)(4)(5) 1.0 10 12 6 8 8 5.0 3.3 E CWR06J(1)335(2)(3)(4)(5) 1.0 10 12 6 8 8 4.0 6.8 F CWR06J(1)685(2)(3)(4)(5) 2.0 20 24 6 8 8 2.4 15 G CWR06J(1)156(2)(3)(4)(5) 3.0 30 36 6 8 8 1.1 22 H CWR06J(1)226(2)(3)(4)(5) 4.0 40 48 6 8 8 0.9 25 VDC AT + 85 °C; 17 VDC AT + 125 °C 0.33 A CWR06K(1)334(2)(3)(4)(5) 1.0 10 12 6 8 8 15.0 0.68 B CWR06K(1)684(2)(3)(4)(5) 1.0 10 12 6 8 8 10.0 1.0 C CWR06K(1)105(2)(3)(4)(5) 1.0 10 12 6 8 8 6.5 1.5 D CWR06K(1)155(2)(3)(4)(5) 1.0 10 12 6 8 8 6.5 2.2 E CWR06K(1)225(2)(3)(4)(5) 1.0 10 12 6 8 8 3.5 4.7 F CWR06K(1)475(2)(3)(4)(5) 2.0 20 24 6 8 8 2.5 6.8 G CWR06K(1)685(2)(3)(4)(5) 2.0 20 24 6 8 8 1.2 10 G CWR06K(1)106(2)(3)(4)(5) 3.0 30 36 6 8 8 1.4 15 H CWR06K(1)156(2)(3)(4)(5) 4.0 40 48 6 8 8 1.0 STANDARD RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER MAX. DCL (μA) AT MAX. DF (%) AT MAX. ESR AT + 25 °C 100 kHz ( ) + 25 °C + 85 °C + 125 °C + 25 °C + 85 °C + 125 °C - 55 °C Notes • Part number definitions: (1) Termination finish: B, C, H, K (2) Capacitance tolerance: J, K, M (3) Failure rate: B, C, D, M, P, R, S, T (4) Surge current (optional): A, B, C (5) Packaging: Blank, /FA, /HR, /PR, /TR (1) 5 % tolerance is not available for the 0.33 μF/50 V design |
Similar Part No. - CWR06FH155KDC |
|
Similar Description - CWR06FH155KDC |