Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5V1B Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # MMSZ5V1B
Description  500mW SOD-123FL SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMSZ5V1B Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  MMSZ5V1B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMSZ5V1B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMSZ5V1B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMSZ5V1B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.02 20110725
MMSZ Series
PACKAGE OUTLINE & DIMENSIONS
Fig.7 TYPICAL LEAKGE CURRENT
Flat Lead SOD-123 Package Outline


Similar Part No. - MMSZ5V1B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5V1BW TAK_CHEONG-MMSZ5V1BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5V1BW TAK_CHEONG-MMSZ5V1BW Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Guangdong Kexin Industr...
MMSZ5V1BW KEXIN-MMSZ5V1BW Datasheet
1Mb / 3P
   Zener Diodes
logo
Shanghai Shunye Electro...
MMSZ5V1BW SHUNYE-MMSZ5V1BW Datasheet
336Kb / 3P
   Surface mount zener diode
logo
Guangdong Juxing Electr...
MMSZ5V1BW JUXING-MMSZ5V1BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
More results

Similar Description - MMSZ5V1B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
logo
Jiangsu High diode Semi...
CRS01 HDSEMI-CRS01 Datasheet
1Mb / 4P
   SOD-123FL Plastic-Encapsulate Diodes
logo
Littelfuse
PXXXXS4XLRP LITTELFUSE-PXXXXS4XLRP Datasheet
653Kb / 4P
   SOD-123FL, 100A SIDACtor Component
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com