Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA278RA05 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA278RA05
Description  Low Dropout Voltage Regulator (Fixed & Adjustable)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278RA05 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA278RA05 Datasheet HTML 1Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 2Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 3Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 4Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 5Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 6Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 7Page - Fairchild Semiconductor KA278RA05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA278RA05
3
Typical Perfomance Characteristics
Figure 1. Output Voltage vs. Input Voltage
Figure 3. Output Voltage vs. Temperature(Tj)
Figure 5. Dropout Voltage vs. Junction Temperature
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Quiescent Current vs. Temperature(Tj)
Figure 6. Power Dissipation vs. Temperature(Ta)
510
15
Input voltage Vin (V)
6
5
4
3
2
1
7
0
0
RL=
RL=2.5
5.04
5.02
5.00
5.06
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
4.96
4.94
4.92
4.98
125
0.6
0.5
0.4
0.3
0
Junction temperature Tj(oC)
0.2
0.1
75
025
50
100
-25
Io=2A
1.5A
1.0A
0.5A
50
40
30
20
10
0
0
15
Input voltage Vin (V)
5
10
RL=
10
8
6
4
2
0
Junction temperature Tj(oC )
75
125
025
50
100
-25
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
15
10
5
20
0
a
*Fixed Mode (VO=5V)


Similar Part No. - KA278RA05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05CTU FAIRCHILD-KA278RA05CTU Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05CTU FAIRCHILD-KA278RA05CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278RA05CTU ONSEMI-KA278RA05CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
More results

Similar Description - KA278RA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Texas Instruments
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
   8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com