Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5V1B Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # MM3Z5V1B
Description  200mW SOD-323 SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MM3Z5V1B Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MM3Z5V1B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MM3Z5V1B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MM3Z5V1B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MM3Z5V1B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
H
MM3ZxxVB Series
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±2% (B Series)
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
Moisture Sensitivity Level 1
Clip Bonding Construction, Good Thermal Capability
Pb Free Version and RoHS Compliant
Matte Tin(Sn) Lead Finish with Nickel(Ni) Underplate
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MM3Z2V4B
0Z
2.35
2.4
2.45
5
94
1
564
45
1
MM3Z2V7B
1Z
2.65
2.7
2.75
5
94
1
564
18
1
MM3Z3V0B
2Z
2.94
3.0
3.06
5
89
1
564
9
1
MM3Z3V3B
3Z
3.23
3.3
3.37
5
89
1
564
4.5
1
MM3Z3V6B
4Z
3.53
3.6
3.67
5
84
1
564
4.5
1
MM3Z3V9B
5Z
3.82
3.9
3.98
5
84
1
564
2.7
1
MM3Z4V3B
6Z
4.21
4.3
4.39
5
84
1
564
2.7
1
MM3Z4V7B
7Z
4.61
4.7
4.79
5
75
1
470
2.7
2
MM3Z5V1B
8Z
5.00
5.1
5.20
5
56
1
451
1.8
2
MM3Z5V6B
9Z
5.49
5.6
5.71
5
37
1
376
0.9
2
MM3Z6V2B
AZ
6.08
6.2
6.32
5
9
1
141
2.7
4
MM3Z6V8B
BZ
6.66
6.8
6.94
5
14
1
75
1.8
4
MM3Z7V5B
CZ
7.35
7.5
7.65
5
14
1
75
0.9
5
MM3Z8V2B
DZ
8.04
8.2
8.36
5
14
1
75
0.63
5
MM3Z9V1B
EZ
8.92
9.1
9.28
5
14
1
94
0.45
6
MM3Z10VB
FZ
9.80
10
10.20
5
18
1
141
0.18
7
MM3Z11VB
GZ
10.78
11
11.22
5
18
1
141
0.09
8
MM3Z12VB
HZ
11.76
12
12.24
5
23
1
141
0.09
8
MM3Z13VB
JZ
12.74
13
13.26
5
28
1
160
0.09
8
MM3Z15VB
KZ
14.70
15
15.30
5
28
1
188
0.045
10.5
MM3Z16VB
LZ
15.68
16
16.32
5
37
1
188
0.045
11.2
MM3Z18VB
MZ
17.64
18
18.36
5
42
1
212
0.045
12.6
MM3Z20VB
NZ
19.60
20
20.40
5
51
1
212
0.045
14.0
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead


Similar Part No. - MM3Z5V1B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z5V1B FAIRCHILD-MM3Z5V1B Datasheet
490Kb / 6P
   Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z5V1B EIC-MM3Z5V1B Datasheet
93Kb / 2P
   ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z5V1B HTSEMI-MM3Z5V1B Datasheet
675Kb / 4P
   Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z5V1B EIC-MM3Z5V1B Datasheet
119Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z5V1B SUNMATE-MM3Z5V1B Datasheet
667Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MM3Z5V1B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com