Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERDS1F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERDS1F
Description  Carbon Film Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERDS1F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERDS1F Datasheet HTML 1Page - Panasonic Semiconductor ERDS1F Datasheet HTML 2Page - Panasonic Semiconductor ERDS1F Datasheet HTML 3Page - Panasonic Semiconductor ERDS1F Datasheet HTML 4Page - Panasonic Semiconductor ERDS1F Datasheet HTML 5Page - Panasonic Semiconductor ERDS1F Datasheet HTML 6Page - Panasonic Semiconductor ERDS1F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Carbon Film Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
a
c
b
Flat box
Ma
rkin
g
L
P
H
D
d
h
H
L
d
k
j
k
Lead
Insulation
Coating
L
h
P
6.5
±1.0
0.8
3.5
±1.0
D
d
3.2 min.
0.5 max.
0.5 max.
6
±1
L
0.8 max.
L1
L2
0
W
W0
Type
Part Numbers
Std. Qty.
(PCS)
L
fDH
h
k
j
d
Carbon
Film R
ERD25VJ
2000
6.35
+0.65
2.3
+0.5
20 min. 9.5 min.
2.0
±0.5
6.0
+2.0
0.6
ERD25FVJ
ERDS1VJ
ERDS1FVJ
–0.35
–0.3
–1.0
Type
Part Numbers
Std. Qty.
(PCS)
L
fDP
h
d
Carbon
Film R
ERD25FJ
P
2000
6.35
+0.65
2.3
+0.5
10.0±1.5
11.5±1.0
0.65
ERDS1FJ
P
–0.35
–0.3
Type
Part Numbers
Std. Qty.
(PCS)
L
fDP
H
d
Carbon
Film R
ERDS2TJ
A
2000
3.2±0.2
1.7
+0.2
5.0±0.5
4.5
+1.5
0.45
ERD25TJ
B
6.35
+0.65
2.3
+0.5
10.0±0.5
4.5
+1.5
0.6
ERDS1TJ
B
–0.35
–0.3
–0.1
–0.5
–0.5
Shape
L
max.
fD
max.
fd
P
±0.3
WW0
1
3.4
1.9
0.45
5.0
26
+1
41.5 max.
2
3.4
1.9
0.45
5.0
52±1
64.5±0.5
3
6.5
2.5
0.6
5.0
26
+1
41.5 max.
4
6.5
2.5
0.6
5.0
52±1
64.5±0.5
Packaging
Shape
Type
Part Numbers
Std. Qty.
(pcs./box)
Size of box
a b c (mm)
26 mm
Axial
taping
1
Carbon
Film R
ERDS2TJ
T
5000
52 85 255
ERDS2FJ
T
52 mm
Axial
taping
2
Carbon
Film R
ERDS2TJ
V
5000
78 85 255
ERDS2FJ
V
26 mm
Axial
taping
3
Carbon
Film R
ERD25TJ
T
4000
52 95 255
ERD25FJ
T
ERDS1TJ
T
ERDS1FJ
T
52 mm
Axial
taping
4
Carbon
Film R
ERD25TJ
V
2000
78 58 255
ERD25FJ
V
ERDS1TJ
V
ERDS1FJ
V
Shape and Packaging
● Bulk type (Lead forming)
Radial forming
Self standing form
● Axial taping type
|L1–L2|
<1.0
Cumulative 250±2 mm by 50 pitch
Standard forming
–0
–0
Feb. 2006
 Discontinued


Similar Part No. - ERDS1F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERDS2TJ221T PANASONIC-ERDS2TJ221T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ271T PANASONIC-ERDS2TJ271T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ330T PANASONIC-ERDS2TJ330T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ331T PANASONIC-ERDS2TJ331T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - ERDS1F

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com