Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQK0606KGDQATL-H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RQK0606KGDQATL-H
Description  Silicon N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0606KGDQATL-H Datasheet(HTML) 4 Page - Renesas Technology Corp

  RQK0606KGDQATL-H Datasheet HTML 1Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 2Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 3Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 4Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 5Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 6Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 7Page - Renesas Technology Corp RQK0606KGDQATL-H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RQK0606KGDQA
Preliminary
R07DS0310EJ0200 Rev.2.00
Page 4 of 7
Mar 28, 2011
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Case Temperature (1)
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Case Temperature (2)
Case Temperature Tc (
°C)
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Zero Gate Voltage Drain current vs.
Case Temperature
Case Temperature Tc (
°C)
100
1000
0.1
1
10
–25
0
25
50
75
100 125 150
0.1
1
10
0.01
0.1
1
10
1
10
100
1000
10000
10 A
4.5 A
VGS = 2.5 V
Pulse Test
VGS = 0 V
VDS = 60 V
0
200
400
600
800
02
4
6
8
10
Pulse Test
Tc = 25
°C
1.5 A
1 A
2 A
Pulse Test
Tc = 25
°C
100
200
300
400
500
–25
0
25
50
75
100 125 150
100
200
300
400
500
–25
0
25
50
75
100 125 150
1.5 A
1 A
0.5 A
ID = 2 A
Pulse Test
VGS = 4.5 V
1.5 A
1 A
0.5 A
ID = 2 A
Pulse Test
VGS = 2.5 V
–25
°C
Tc = 75
°C
25
°C
Pulse Test
VDS = 10 V
ID = 0.5 A


Similar Part No. - RQK0606KGDQATL-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RQK0606KGDQATL-E VBSEMI-RQK0606KGDQATL-E Datasheet
513Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RQK0606KGDQATL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com