Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2373T1P-E4-A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPA2373T1P-E4-A
Description  Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2373T1P-E4-A Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPA2373T1P-E4-A Datasheet HTML 1Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 2Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 3Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 4Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 5Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 6Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 7Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 8Page - Renesas Technology Corp UPA2373T1P-E4-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R07DS0674EJ0101 Rev.1.01
Page 1 of 10
Aug 19, 2013
Preliminary Data Sheet
μPA2373T1P
Dual (Drain common), N-channel MOSFET
24V, 6A, 23.0m
Ω
DESCRIPTION
The
μPA2373T1P is a switching device, which can be driven directly by a 2.5 V power source.
The
μPA2373T1P features a low on-state resistance and excellent switching characteristics, and is suitable for
applications such as power switch of portable machine and so on. Best suite for single cell LiB application.
FEATURES
• 2.5 V drive available
• Low on-state resistance
⎯ R
SS(on)1 = 23.0 mΩ MAX. (VGS = 4.5 V, IS = 3.0 A)
⎯ R
SS(on)2 = 24.0 mΩ MAX. (VGS = 4.0 V, IS = 3.0 A)
⎯ R
SS(on)3 = 25.0 mΩ MAX. (VGS = 3.8 V, IS = 3.0 A)
⎯ R
SS(on)4 = 30.0 mΩ MAX. (VGS = 3.1 V, IS = 3.0 A)
⎯ R
SS(on)4 = 39.0 mΩ MAX. (VGS = 2.5 V, IS = 3.0 A)
• Built-in G-S protection diode against ESD
ORDERING INFORMATION
Part No.
Lead Plating
Packing
Package
μPA2373T1P-E4-A∗1
Ni/Au
Reel 5000 p/reel
4-pin EFLIP-LGA
Note:
1. Pb-free (This product does not contain Pb in the external electrode and other parts.)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Ratings
Unit
Source to Source Voltage (VGS = 0 V)
VSSS
24.0
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±12.0
V
Source Current (DC)
∗1
IS(DC)
±6.0
A
Source Current (pulse)
∗2
IS(pulse)
±60
A
Total Power Dissipation (2 units)
∗1
PT1
1.3
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note:
1. Mounted on ceramic board of 50 cm2 ×1.0 mmt
2. PW ≤ 10 μs, Duty Cycle ≤ 1%
R07DS0674EJ0101
Rev.1.01
Aug 19, 2013


Similar Part No. - UPA2373T1P-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2379T1P RENESAS-UPA2379T1P Datasheet
311Kb / 11P
   N-CHANNEL MOSFET FOR SWITCHING
Mar 19, 2012
UPA2379T1P-E1-A RENESAS-UPA2379T1P-E1-A Datasheet
311Kb / 11P
   N-CHANNEL MOSFET FOR SWITCHING
Mar 19, 2012
More results

Similar Description - UPA2373T1P-E4-A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOCA36116C AOSMD-AOCA36116C Datasheet
492Kb / 5P
   24V Common-Drain Dual N-Channel MOSFET
Rev.1.0: June 2020
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
   Common-Drain Dual N-Channel MOSFET
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
   Dual Common Drain N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
   Dual Common Drain N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
   Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
logo
Alpha & Omega Semicondu...
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCR36330 AOSMD-AOCR36330 Datasheet
413Kb / 5P
   30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: March 2020
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
   20V Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com