Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELF25F012A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELF25F012A
Description  Dimensions in mm not to scale Recommended PWB piercing plan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF25F012A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELF25F012A Datasheet HTML 1Page - Panasonic Semiconductor ELF25F012A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Line Filters
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ELF25F105A
25F105A
40.0
1.713
0.5
ELF25F118A
25F118A
3.0
0.148
1.8
ELF25F106A
25F106A
28.0
1.240
0.6
ELF25F004A
25F004A
50.0
2.404
0.4
ELF25F107A
25F107A
20.0
0.940
0.7
ELF25F005A
25F005A
30.0
1.560
0.5
ELF25F108A
25F108A
15.0
0.594
0.8
ELF25F009A
25F009A
10.0
0.466
0.9
ELF25F109A
25F109A
12.0
0.528
0.9
ELF25F010A
25F010A
8.0
0.421
1.0
ELF25F110A
25F110A
10.0
0.466
1.0
ELF25F012A
25F012A
5.5
0.281
1.2
ELF25F112A
25F112A
7.0
0.321
1.2
ELF25F020A
25F020A
2.0
0.107
2.0
ELF25F113A
25F113A
6.0
0.285
1.3
ELF25F022A
25F022A
1.6
0.093
2.2
ELF25F114A
25F114A
5.0
0.207
1.4
ELF25F025A
25F025A
1.3
0.071
2.5
ELF25F116A
25F116A
4.0
0.199
1.6
ELF11M010E
010E
30.0
9.70
0.1
ELF11M060E
060E
1.5
0.58
0.6
ELF11M020E
020E
12.0
4.30
0.2
ELF11M070E
070E
1.0
0.36
0.7
ELF11M030E
030E
6.0
2.30
0.3
ELF11M080E
080E
0.8
0.33
0.8
ELF11M040E
040E
3.5
1.35
0.4
ELF11M090E
090E
0.7
0.28
0.9
ELF11M050E
050E
2.5
0.93
0.5
ELF11M100E
100E
0.5
0.25
1.0
Inductance
]
DCR(W)
Current
Inductance
]
DCR(W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
Examples
]
DC Resistance
Inductance
]
DCR(W)
Current
Inductance
]
DCR(W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
Examples
]
DC Resistance
n Series F
l Type 25F
Dimensions in mm (not to scale)
Recommended PWB piercing plan
n Series M
l Type 11M
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Marking
21.0±0.5
28 max.
11.0±0.5
25 max.
21.0±0.1
4ÐB1.2±0.1

!
"
4-B0.8±0.1
12.0±0.5
16.0±1.0
8.0±0.5
7.0±0.5
10.5±0.5
4-B0.6±0.1
8.00±0.05
4-B1.0±0.1

!
"
Marking


Similar Part No. - ELF25F012A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF25F012A PANASONIC-ELF25F012A Datasheet
35Kb / 1P
   Line Filters
More results

Similar Description - ELF25F012A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-21N016A PANASONIC-ELF-21N016A Datasheet
71Kb / 2P
   Recommended PWB piercing plan
ELF-24V035A PANASONIC-ELF-24V035A Datasheet
84Kb / 3P
   Recommended PWB piercing plan
ELF-18D225 PANASONIC-ELF-18D225 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF-18D850X PANASONIC-ELF-18D850X Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
TRIAD MAGNETICS
AX97 TRIAD-AX97 Datasheet
188Kb / 3P
   OUTLINE DIMENSIONS/RECOMMENDED PCB LAYOUT(inch/mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com