Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFM1V152L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFM1V152L
Description  Aluminum Electrolytic Capacitors FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1V152L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFM1V152L Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1V152L Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1V152L Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1V152L Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FM
– EEE-79 –
Case size/Impedance/Ripple current
W.V.(V.DC)
6.3 V to 35 V
50 V
Case size
(
φD L)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
+20 °C
–10 °C
+105 °C
5
11
0.300
1.000
280
0.340
1.130
250
6.3
11.2
0.130
0.430
4550.140
0.460
405
8
11.5
0.056
0.168
950
0.061
0.183
870
8
15
0.041
0.123
1240
0.045
0.135
1140
8
20
0.030
0.090
1560
0.033
0.099
1430
10
12.5
0.038
0.114
1290
0.042
0.126
1170
10
16
0.026
0.078
1790
0.030
0.090
1650
10
20
0.019
0.057
2180
0.023
0.069
1890
10
25
0.018
0.054
2470
0.022
0.066
2150
12.5
20
0.018
0.045
2600
0.022
0.055
2260
12.5
25
0.015
0.038
3190
0.018
0.045
2660
12.5
30
0.013
0.033
3630
0.016
0.040
3160
12.5
35
0.012
0.030
3750
0.014
0.035
3270
16
20
0.017
0.043
3300
0.019
0.048
2870
16
25
0.014
0.035
3820
0.016
0.040
3320
00 Nov. 2012


Similar Part No. - EEUFM1V152L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EEUFM1V152L NXP-EEUFM1V152L Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
Panasonic Semiconductor
EEUFM1V152L PANASONIC-EEUFM1V152L Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1V152L PANASONIC-EEUFM1V152L Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1V152L PANASONIC-EEUFM1V152L Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1V152L PANASONIC-EEUFM1V152L Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1V152L

ManufacturerPart #DatasheetDescription
logo
Pacific Silicon Sensor,...
EEU-FM1E222L PACIFIC-EEU-FM1E222L Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM
logo
Panasonic Semiconductor
EEU-FM1A102L PANASONIC-EEU-FM1A102L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com