Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFS090-1QNG484YES Datasheet(PDF) 1 Page - Microsemi Corporation

Part # AFS090-1QNG484YES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090-1QNG484YES Datasheet(HTML) 1 Page - Microsemi Corporation

  AFS090-1QNG484YES Datasheet HTML 1Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 2Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 3Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 4Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 5Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 6Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 7Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 8Page - Microsemi Corporation AFS090-1QNG484YES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 334 page
background image
January 2013
I
© 2013 Microsemi Corporation
Fusion Family of Mixed Signal FPGAs
Features and Benefits
High-Performance Reprogrammable Flash Technology
• Advanced 130-nm, 7-Layer Metal, Flash-Based CMOS Process
• Nonvolatile, Retains Program when Powered Off
• Instant On Single-Chip Solution
• 350 MHz System Performance
Embedded Flash Memory
• User Flash Memory – 2 Mbits to 8 Mbits
– Configurable 8-, 16-, or 32-Bit Datapath
– 10 ns Access in Read-Ahead Mode
• 1 Kbit of Additional FlashROM
Integrated A/D Converter (ADC) and Analog I/O
• Up to 12-Bit Resolution and up to 600 Ksps
• Internal 2.56 V or External Reference Voltage
• ADC: Up to 30 Scalable Analog Input Channels
• High-Voltage Input Tolerance: –10.5 V to +12 V
• Current Monitor and Temperature Monitor Blocks
• Up to 10 MOSFET Gate Driver Outputs
– P- and N-Channel Power MOSFET Support
– Programmable 1, 3, 10, 30 µA, and 20 mA Drive Strengths
• ADC Accuracy is Better than 1%
On-Chip Clocking Support
• Internal 100 MHz RC Oscillator (accurate to 1%)
• Crystal Oscillator Support (32 KHz to 20 MHz)
• Programmable Real-Time Counter (RTC)
• 6 Clock Conditioning Circuits (CCCs) with 1 or 2 Integrated PLLs
– Phase Shift, Multiply/Divide, and Delay Capabilities
– Frequency: Input 1.5–350 MHz, Output 0.75–350 MHz
Low Power Consumption
• Single 3.3 V Power Supply with On-Chip 1.5 V Regulator
• Sleep and Standby Low-Power Modes
In-System Programming (ISP) and Security
• ISP with 128-Bit AES via JTAG
• FlashLock® Designed to Protect FPGA Contents
Advanced Digital I/O
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages – Up to 5 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS
3.3 V / 2.5 V /1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X, and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, M-LVDS
– Built-In I/O Registers
– 700 Mbps DDR Operation
• Hot-Swappable I/Os
• Programmable Output Slew Rate, Drive Strength, and Weak
Pull-Up/Down Resistor
• Pin-Compatible Packages across the Fusion® Family
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit SRAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• Programmable Embedded FIFO Control Logic
Soft ARM Cortex-M1 Fusion Devices (M1)
•ARM® Cortex-™M1–Enabled
Pigeon Point ATCA IP Support (P1)
• Targeted to Pigeon Point® Board Management Reference
(BMR) Starter Kits
• Designed in Partnership with Pigeon Point Systems
• ARM Cortex-M1 Enabled
MicroBlade Advanced Mezzanine Card Support (U1)
• Targeted to Advanced Mezzanine Card (AdvancedMC™ Designs)
• Designed in Partnership with MicroBlade
• 8051-Based Module Management Controller (MMC)
Table 1 • Fusion Family
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM Cortex-M1* Devices
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS600
P1AFS1500
MicroBlade Devices
U1AFS250
U1AFS600
U1AFS1500
General
Information
System Gates
90,000
250,000
600,000
1,500,000
Tiles (D-flip-flops)
2,304
6,144
13,824
38,400
Secure (AES) ISP
Yes
Yes
Yes
Yes
PLLs
11
22
Globals
18
18
18
18
Memory
Flash Memory Blocks (2 Mbits)
1
1
2
4
Total Flash Memory Bits
2M
2M
4M
8M
FlashROM Bits
1,024
1,024
1,024
1,024
RAM Blocks (4,608 bits)
6
8
24
60
RAM kbits
27
36
108
270
Analog and I/Os
Analog Quads
5
6
10
10
Analog Input Channels
15
18
30
30
Gate Driver Outputs
5
6
10
10
I/O Banks (+ JTAG)
4
4
5
5
Maximum Digital I/Os
75
114
172
252
Analog I/Os
20
24
40
40
Note: *Refer to the Cortex-M1 product brief for more information.
Revision 4


Similar Part No. - AFS090-1QNG484YES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AFS090-1QNG256ES ACTEL-AFS090-1QNG256ES Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-1QNG256I ACTEL-AFS090-1QNG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-1QNG256PP ACTEL-AFS090-1QNG256PP Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
More results

Similar Description - AFS090-1QNG484YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com