Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELT3KN041 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELT3KN041
Description  Fixed Inductors Voltage Step-up Coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT3KN041 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELT3KN041 Datasheet HTML 1Page - Panasonic Semiconductor ELT3KN041 Datasheet HTML 2Page - Panasonic Semiconductor ELT3KN041 Datasheet HTML 3Page - Panasonic Semiconductor ELT3KN041 Datasheet HTML 4Page - Panasonic Semiconductor ELT3KN041 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
t2
Time
T3
T2
T1
t1
0
Soldering Conditions
Reflow soldering conditions
Type
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
ELT3KN
150 to 170
60 to 120
230 °C
30 max.
245 °C, 10 s 260 °C, 10 s 2 times max.
● Pb free solder recommended temperature profile
Sep. 2012
01
40


Similar Part No. - ELT3KN041

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN041B PANASONIC-ELT3KN041B Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
ELT3KN041C PANASONIC-ELT3KN041C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
More results

Similar Description - ELT3KN041

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT-5KN120C PANASONIC-ELT-5KN120C Datasheet
80Kb / 2P
   Fixed Inductors (Voltage Step-up Coils)
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT3KN136C PANASONIC-ELT3KN136C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com