Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELT3KN020 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELT3KN020
Description  Fixed Inductors Voltage Step-up Coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT3KN020 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELT3KN020 Datasheet HTML 1Page - Panasonic Semiconductor ELT3KN020 Datasheet HTML 2Page - Panasonic Semiconductor ELT3KN020 Datasheet HTML 3Page - Panasonic Semiconductor ELT3KN020 Datasheet HTML 4Page - Panasonic Semiconductor ELT3KN020 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Voltage Step-up Coils)
(3.1)
1.2±0.1
5.5±0.2
3.3±0.1
(3.3)
1.1±0.2
5.5±0.2
3.3±0.1
(3.3)
1.1±0.2
5.5±0.2
3.3±0.1
(3.1)
1.2±0.1
5.5±0.2
3.3±0.1
(3.1)
4.5±0.2
3.3±0.1
1
2
3
4
5
6
7
8
9
B
C
f180 Reel
f370 Reel
Product Code
Outer size
Construction
Design No.
Packaging
10
4.5±0.2
3.3±0.1
2.73±0.10
Recommended Applications
● Watches, Toys, Cameras, Electronic thermometers
● Pagers, PHS, wireless telephones
Features
● Small and thin
● High inductance
● RoHS compliant
Voltage Step-up Coils
Series:
Chip
Type:
3KN
High inductance Voltage Step-up coil chip series for
piezoelectric buzzers and DC-DC circuitry of EL panels
Explanation of Part Numbers
ELT3KN
Part Name:
1 Core 2 Terminal 3Ring 4 Coil 5 Terminal board 6 Adhesive
Standard Packing Quantity
● 1000 or 5000 pcs./Reel
● Type 3KN
A
B
C
D
E
Dimensions in mm (not to scale)
H
Apr. 2013
02
37


Similar Part No. - ELT3KN020

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN020B PANASONIC-ELT3KN020B Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
ELT3KN020C PANASONIC-ELT3KN020C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
More results

Similar Description - ELT3KN020

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT-5KN120C PANASONIC-ELT-5KN120C Datasheet
80Kb / 2P
   Fixed Inductors (Voltage Step-up Coils)
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT3KN136C PANASONIC-ELT3KN136C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com