Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVFC1V1R0R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVFC1V1R0R
Description  SMT Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFC1V1R0R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVFC1V1R0R Datasheet HTML 1Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 2Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 3Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 4Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 5Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 6Page - Panasonic Semiconductor EEVFC1V1R0R Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
SMT Aluminum Electrolytic Capacitors


































*
%
%
%
&
'
(
)
*
*
*






















((9)&93
((9)&+55
((9)&+55
((9)&+55
((9)&+55
((9)&+3
((9)&+3
((9)&+3
((9)&+3
((9)&+3
((9)&+3












,PSH
GDQFH
N+]

°&
9
Q
“)
PP
PP
P $
SFV
3DUW 1R
5R+6
QRW FRPSOLDQW
6SHFLILFDWLRQ
'LD
/HQJWK
7DSLQJ
&DVH VL]H
&DS
‘
:9
5LSSOH
FXUUHQW
N+]

°&
6WDQGDUG 3URGXFWV
0LQ
3DFNDJLQJ
4W\
6L]H
&RGH
3DUW 1R
5R+6
FRPSOLDQW
((()&93
((()&+55
((()&+55
((()&+55
((()&+55
((()&+3
((()&+3
((()&+3
((()&+3
((()&+3
((()&+3






















An explanation of the taping dimensions can be found on page 84.
Reflow profiles can be found on page 86.
Endurance: 105ºC 1000h
50,60
120
1k
10k
100k~
0.70
0.75
0.90
0.95
1.00
Frequency (Hz)
coefficient
■ Frequency Correction Factor of Rated Ripple Current


Similar Part No. - EEVFC1V1R0R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EEVFC1A102LQ TI-EEVFC1A102LQ Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - EEVFC1V1R0R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
ECE-V2AA330P PANASONIC-ECE-V2AA330P Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com