Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6518-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA6518-99F
Description  5 - 18 GHz High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6518-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA6518-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA6518-99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA6518
5 - 18 GHz High Power Amplifier
Ref. : CHA6518-99F-Prel-5007.doc – 07/08/2009
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA6518 : Gain @ Pin=-5dBm & Pin=13dBm
18
19
20
21
22
23
24
25
26
27
28
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Freq (GHz)
Gain(dB) @ Pin=-5dBm
Gain(dB) @ Pin=13dBm


Similar Part No. - CHA6518-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
More results

Similar Description - CHA6518-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC_15 Datasheet
297Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com