Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6250-QFG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA6250-QFG
Description  5.5-9GHz Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6250-QFG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA6250-QFG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 9Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 10Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 11Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 12Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 13Page - United Monolithic Semiconductors CHA6250-QFG Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5.5-9GHz Power Amplifier
CHA6250-QFG
Ref. : DSCHA6250-QFG2272 - 28 Sep 12
11/14
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Notes
Due to ESD protection circuits on RF input, an external capacitance might be requested to
isolate the product from external voltage that could be present on the RF access.
The DC connections do not include any decoupling capacitor in package, therefore it is
mandatory to provide a good external DC decoupling (100pF & 10nF) on the PC board, as
close as possible to the package.
VD2
RF OUT
RF IN
VG
4
21
28
13
VD3
25
VD1
30


Similar Part No. - CHA6250-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6250-QFG UMS-CHA6250-QFG Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
CHA6250-QFG UMS-CHA6250-QFG_15 Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
More results

Similar Description - CHA6250-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6250-QFG UMS-CHA6250-QFG_15 Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
CHA5250-QDG UMS-CHA5250-QDG_15 Datasheet
518Kb / 16P
   5.5-9GHz Medium Power Amplifier
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
   5.5-11GHz Medium Power Amplifier
logo
Tyco Electronics
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
logo
Hitachi Semiconductor
HA13119 HITACHI-HA13119 Datasheet
54Kb / 9P
   Dual 5.5 W Audio Power Amplifier
logo
Excelics Semiconductor,...
EMP105 EXCELICS-EMP105 Datasheet
242Kb / 2P
   4.0 - 5.5 GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA2536-FL TRIQUINT-TGA2536-FL Datasheet
285Kb / 10P
   5.5 Watt Ku-Band Power Amplifier
logo
Excelics Semiconductor,...
EMP105-P2 EXCELICS-EMP105-P2 Datasheet
87Kb / 1P
   4.0 - 5.5 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com