Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1C273HA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETHC1C273HA
Description  Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1C273HA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETHC1C273HA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1C273HA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
560
22 x 30
1.50
2.10
0.355
0.160
680
22 x 30
1.70
2.38
0.293
0.132
25 x 25
1.70
2.38
0.293
0.132
820
22 x 35
2.00
2.80
0.243
0.109
25 x 30
2.00
2.80
0.243
0.109
1000
22 x 40
2.20
3.08
0.199
0.090
1000
25 x 35
2.20
3.08
0.199
0.090
30 x 25
2.20
3.08
0.216
0.108
1200
22 x 45
2.30
3.22
0.166
0.075
25 x 40
2.30
3.22
0.166
0.075
30 x 30
2.30
3.22
0.166
0.075
35 x 25
2.30
3.22
0.180
0.090
1500
25 x 45
2.50
3.50
0.133
0.060
30 x 35
2.50
3.50
0.133
0.060
35 x 30
2.50
3.50
0.155
0.077
1800
25 x 50
2.70
3.78
0.111
0.050
30 x 40
2.70
3.78
0.111
0.050
35 x 30
2.70
3.78
0.120
0.060
2200
30 x 45
2.90
4.06
0.090
0.041
35 x 35
2.90
4.06
0.098
0.049
2700
30 x 50
3.10
4.34
0.080
0.040
35 x 40
3.10
4.34
0.086
0.043
3300
35 x 50
3.30
4.62
0.070
0.042
390
22 x 25
1.31
1.83
0.510
0.230
470
22 x 30
1.45
2.03
0.423
0.190
25 x 25
1.45
2.03
0.423
0.190
560
22 x 30
1.67
2.34
0.355
0.160
680
22 x 40
1.75
2.45
0.293
0.132
25 x 30
1.75
2.45
0.293
0.132
820
22 x 45
2.04
2.86
0.243
0.109
25 x 35
2.04
2.86
0.243
0.109
30 x 25
2.04
2.86
0.243
0.109
1000
22 x 50
2.30
3.22
0.199
0.090
25 x 40
2.30
2.90
0.199
0.090
25 x 45
2.30
3.22
0.199
0.090
30 x 30
2.30
3.22
0.199
0.090
35 x 25
2.30
3.22
0.216
0.097
1200
25 x 45
2.65
3.33
0.166
0.075
25 x 50
2.65
3.71
0.166
0.075
30 x 35
2.65
3.71
0.166
0.075
35 x 30
2.65
3.71
0.180
0.090
1500
30 x 40
2.80
3.92
0.133
0.060
35 x 30
2.80
3.92
0.144
0.072
1800
30 x 45
3.08
4.31
0.111
0.050
35 x 40
3.08
4.31
0.129
0.064
2200
30 x 50
3.48
4.87
0.090
0.041
35 x 45
3.48
4.87
0.098
0.044
270
22 x 25
1.10
1.54
0.614
0.276
330
22 x 30
1.20
1.68
0.502
0.226
25 x 25
1.20
1.68
0.502
0.226
390
22 x 30
1.20
1.68
0.425
0.191
22 x 35
1.30
1.82
0.425
0.191
25 x 25
1.30
1.82
0.425
0.191
470
22 x 35
1.20
1.68
0.353
0.159
22 x 40
1.40
1.96
0.353
0.159
25 x 30
1.40
1.96
0.353
0.159
30 x 25
1.40
1.96
0.353
0.159
560
22 x 40
1.40
1.96
0.296
0.133
22 x 45
1.50
2.10
0.296
0.133
25 x 35
1.50
2.10
0.296
0.133
30 x 25
1.50
2.10
0.296
0.133
EETHC2D471JF
EETHC2D471JC
35
EETHC2E471KA
EETHC2E471HJ
EETHC2E471HA
EETHC2D222KA
EETHC2E331JJ
EETHC2E391HF
EETHC2E561KJ
EETHC2E471HF
EETHC2E471JA
EETHC2E271HA
EETHC2E331HA
EETHC2E331JA
EETHC2D222LA
Part numbers shown with 2 pins and 4.0mm length terminals
250 VDC Working, 300 VDC Surge
EETHC2D182LA
200 VDC Working, 250 VDC Surge
EETHC2D222KJ
EETHC2E561HF
EETHC2E561HA
EETHC2E561JA
EETHC2E561KA
EETHC2D102LA
EETHC2D122JF
EETHC2D122JA
EETHC2D122KA
EETHC2D122LA
EETHC2D152KA
EETHC2D182LA
EETHC2D152LA
EETHC2D182KA
EETHC2D821JA
EETHC2D102KA
EETHC2D102JA
EETHC2D102JF
EETHC2D102HA
EETHC2D821KA
EETHC2D681HA
EETHC2D681JA
EETHC2D821HA
D x L
PVC sleeve with Top Plate
EETHC2D391HA
EETHC2D471HA
EETHC2D561HA
EETHC2C222LA
EETHC2C272KA
EETHC2C272LA
EETHC2C332LA
EETHC2C182JA
EETHC2C182KA
EETHC2C182LA
EETHC2C222KA
EETHC2C152KA
EETHC2C152LA
EETHC2C102KA
EETHC2C122HA
EETHC2C122JA
EETHC2C122KA
EETHC2C102HA
EETHC2C102JA
EETHC2C122LA
EETHC2C152JA
20°C ESR ( , max.)
EETHC2C821HA
EETHC2C821JA
EETHC2C681HA
EETHC2C681JA
Panasonic Part Number (By Sleeving Style)
160 VDC Working, 200 VDC Surge (continued)
Size (mm)
Max 105°C R.C. (Arms)
EETHC2C681HJ
PET sleeve without Top Plate
EETHC2C681JJ
EETHC2C821HJ
EETHC2C821JJ
EETHC2C102HJ
EETHC2C102JJ
EETHC2C102KJ
EETHC2C122HJ
EETHC2C122JJ
EETHC2C122KJ
EETHC2C122LJ
EETHC2C152JJ
EETHC2C152KJ
EETHC2C152LJ
EETHC2C182JJ
EETHC2C182KJ
EETHC2C182LJ
EETHC2C222KJ
EETHC2C222LJ
EETHC2C272KJ
EETHC2C272LJ
EETHC2C332LJ
EETHC2E391HA
EETHC2E391JA
EETHC2D391HJ
EETHC2D471HJ
EETHC2D561HJ
EETHC2D681HJ
EETHC2D681JJ
EETHC2D821HJ
EETHC2D821JJ
EETHC2D821KJ
EETHC2D102HJ
EETHC2D102JC
EETHC2D102JJ
EETHC2D102KJ
EETHC2D102LA
EETHC2D122JC
EETHC2D122JJ
EETHC2D122KJ
EETHC2D122LA
EETHC2D152KJ
EETHC2E331HJ
EETHC2E271HJ
EETHC2E391HC
EETHC2E391HJ
EETHC2E391JJ
EETHC2E471HC
EETHC2E471KJ
EETHC2E561HC
EETHC2D222LA
EETHC2E471JJ
EETHC2C561HA
EETHC2C561HJ
EETHC2D152LA
EETHC2D182KJ
EETHC2E561HJ
EETHC2E561JJ


Similar Part No. - EETHC1C273HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1C273HA PANASONIC-EETHC1C273HA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1C273HA PANASONIC-EETHC1C273HA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1C273HA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com