Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF6223ML Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECWF6223ML
Description  Metallized polyoropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF6223ML Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECWF6223ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 9Page - Panasonic Semiconductor ECWF6223ML Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(Metallized Polypropylene Film)
-10
-5
0
5
10
-60 -40 -20 0
20 40 60 80 100 120 140
0.0
0.1
0.2
0.3
0.4
0.5
-60 -40 -20 0
20 40 60 80 100 120 140
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics <Typical Data >
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-60 -40 -20 0
20 40 60 80 100 120 140
-10
-5
0
5
10
1
10
100
1000
10000
0
1
2
3
4
5
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
at 1kHz
at 1kHz
at 500VDC
Frequency(kHz)
Temperature(°C)
Frequency(kHz)
Temperature(°C)
ECWF(L) Type 630VDC series
Frequency(kHz)
Temperature(°C)
0.01µF
0.33µF
1.3µF
0.01µF
0.33µF
1.3µF
0.01µF
0.33µF
1.3µF
1.3µF
0.33µF
0.01µF
1.3µF
0.33µF
0.01µF
1.3µF
0.33µF
0.01µF


Similar Part No. - ECWF6223ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF6223 PANASONIC-ECWF6223 Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF6223ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECQ-E4104KFZ PANASONIC-ECQ-E4104KFZ Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
logo
Panasonic Semiconductor
ECQ-E1105JF PANASONIC-ECQ-E1105JF Datasheet
373Kb / 20P
   Metallized Polyester Film Capacitor
ECQ-E6473KZ PANASONIC-ECQ-E6473KZ Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com