Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1A333HA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETHC1A333HA
Description  Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A333HA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETHC1A333HA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A333HA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
12000
22 x 25
2.20
2.53
0.076
0.065
18000
22 x 30
2.40
2.76
0.051
0.043
25 x 25
2.40
2.76
0.051
0.043
22000
22 x 35
2.60
2.99
0.041
0.035
25 x 30
2.60
2.99
0.041
0.035
27000
22 x 40
3.10
3.57
0.034
0.029
25 x 35
3.10
3.57
0.034
0.029
30 x 25
3.10
3.57
0.034
0.029
33000
22 x 45
3.40
3.91
0.028
0.023
25 x 40
3.40
3.91
0.028
0.023
39000
25 x 45
3.70
4.26
0.026
0.022
30 x 30
3.70
4.26
0.026
0.023
35 x 25
3.70
4.26
0.026
0.022
47000
25 x 50
4.20
4.83
0.024
0.021
30 x 35
4.20
4.83
0.024
0.022
35 x 30
4.20
4.83
0.024
0.021
56000
30 x 40
5.00
5.75
0.023
0.021
35 x 35
5.00
5.75
0.023
0.020
68000
30 x 45
5.40
6.21
0.022
0.020
35 x 40
5.40
6.21
0.022
0.019
82000
35 x 45
6.10
7.02
0.021
0.019
100000
35 x 50
6.90
7.94
0.020
0.019
10000
22 x 25
2.60
2.99
0.075
0.063
12000
22 x 30
2.90
3.34
0.062
0.053
25 x 25
2.90
3.34
0.062
0.053
15000
22 x 35
3.20
3.68
0.050
0.042
18000
22 x 40
3.50
4.03
0.041
0.035
25 x 30
3.50
4.03
0.041
0.035
22000
22 x 45
3.80
4.37
0.034
0.029
25 x 35
3.80
4.37
0.034
0.029
30 x 25
3.80
4.37
0.034
0.029
27000
22 x 50
4.20
4.83
0.028
0.023
25 x 40
4.20
4.83
0.028
0.023
30 x 30
4.20
4.83
0.028
0.023
35 x 25
4.20
4.83
0.028
0.023
33000
25 x 45
4.70
5.41
0.023
0.019
30 x 35
4.70
5.41
0.023
0.019
35 x 30
4.70
5.41
0.023
0.020
39000
30 x 40
5.10
5.87
0.022
0.018
35 x 35
5.10
5.87
0.022
0.020
47000
30 x 45
5.50
6.33
0.016
0.014
35 x 40
5.50
6.33
0.021
0.019
56000
30 x 50
6.00
6.90
0.020
0.018
35 x 45
6.00
6.90
0.020
0.018
6800
22 x 25
2.40
2.76
0.085
0.064
8200
22 x 30
2.70
3.11
0.071
0.053
25 x 25
2.70
3.11
0.071
0.053
10000
22 x 35
3.00
3.45
0.058
0.044
12000
22 x 40
3.20
3.68
0.048
0.036
25 x 30
3.20
3.68
0.048
0.036
15000
22 x 45
3.60
4.14
0.039
0.029
25 x 35
3.60
4.14
0.039
0.029
30 x 25
3.60
4.14
0.039
0.029
18000
22 x 50
3.90
4.49
0.032
0.024
25 x 40
3.90
4.49
0.032
0.024
30 x 30
3.90
4.49
0.032
0.024
35 x 25
3.90
4.49
0.032
0.024
22000
25 x 45
4.30
4.95
0.026
0.020
30 x 35
4.30
4.95
0.026
0.020
35 x 30
4.30
4.95
0.026
0.020
27000
30 x 40
4.80
5.52
0.021
0.016
EETHC1E123HA
EETHC1E123JA
EETHC1E153HA
EETHC1E103HA
EETHC1E223LA
EETHC1E273KA
EETHC1E183KA
EETHC1E183LA
EETHC1E223JA
EETHC1E223KA
EETHC1E153JA
EETHC1E153KA
EETHC1E183HA
EETHC1E183JA
EETHC1E682HA
EETHC1C273LA
EETHC1C563KA
EETHC1C473LA
EETHC1C333JA
EETHC1C333KA
EETHC1C333LA
EETHC1E822HA
EETHC1E822JA
EETHC1A393JA
EETHC1A393KA
EETHC1C563LJ
EETHC1C393KJ
EETHC1C393LJ
EETHC1C473KJ
EETHC1C333LJ
EETHC1C273KJ
EETHC1C223KJ
EETHC1C273HJ
EETHC1A273HJ
EETHC1A273JJ
EETHC1A223HA
EETHC1A223JA
EETHC1A223JJ
EETHC1C333JJ
EETHC1A563KJ
16 VDC Working, 20 VDC Surge
EETHC1A393LJ
EETHC1A473JJ
EETHC1A104LA
EETHC1A683LA
EETHC1A273KJ
EETHC1A823LA
EETHC1E103HJ
EETHC1E123HJ
EETHC1A273HA
EETHC1A273JA
EETHC1A393LA
EETHC1A473JA
EETHC1A473KA
EETHC1A273KA
EETHC1A333HA
EETHC1A333JA
EETHC1C183HA
EETHC1C333KJ
EETHC1C563LA
EETHC1C273JA
EETHC1C223JA
EETHC1C223KA
EETHC1C273HA
EETHC1C223HA
EETHC1C273KA
25 VDC Working, 32 VDC Surge
EETHC1C393KA
EETHC1C393LA
EETHC1C473KA
EETHC1C473LJ
EETHC1C563KJ
EETHC1C223JJ
10 VDC Working, 13 VDC Surge
EETHC1A183JA
EETHC1A683KA
EETHC1C183JA
EETHC1C123HA
EETHC1C123JA
EETHC1C153HA
EETHC1A473KJ
EETHC1A473LJ
EETHC1C103HJ
PET without Top Plate
Size (mm)
D x L
Max 105°C R.C. (Arms)
EETHC1A563KA
EETHC1A563LA
EETHC1A473LA
EETHC1A123HA
EETHC1A183HA
PVC with Top Plate
Panasonic Part Number (By Sleeving Style)
20°C ESR ( , max.)
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC1C103HA
EETHC1A683KJ
EETHC1A563LJ
EETHC1A123HJ
EETHC1A183HJ
EETHC1A183JJ
EETHC1A223HJ
EETHC1A333HJ
EETHC1A333JJ
EETHC1A393JJ
EETHC1A393KJ
EETHC1C273JJ
EETHC1C153HJ
EETHC1C183HJ
EETHC1C183JJ
EETHC1C223HJ
EETHC1C273LJ
EETHC1E682HJ
EETHC1E822HJ
EETHC1E822JJ
EETHC1E153JJ
EETHC1C123HJ
EETHC1C123JJ
EETHC1A683LJ
EETHC1A104LJ
EETHC1A823LJ
EETHC1E123JJ
EETHC1E153HJ
EETHC1E153KJ
EETHC1E183HJ
EETHC1E183JJ
EETHC1E183KJ
EETHC1E183LJ
EETHC1E223JJ
EETHC1E223KJ
EETHC1E223LJ
EETHC1E273KJ
32


Similar Part No. - EETHC1A333HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A333HA PANASONIC-EETHC1A333HA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1A333HA PANASONIC-EETHC1A333HA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1A333HA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com