Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ14BSFR22U Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJ14BSFR22U
Description  Thick Film Chip Resistors Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ14BSFR22U Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJ14BSFR22U Datasheet HTML 1Page - Panasonic Semiconductor ERJ14BSFR22U Datasheet HTML 2Page - Panasonic Semiconductor ERJ14BSFR22U Datasheet HTML 3Page - Panasonic Semiconductor ERJ14BSFR22U Datasheet HTML 4Page - Panasonic Semiconductor ERJ14BSFR22U Datasheet HTML 5Page - Panasonic Semiconductor ERJ14BSFR22U Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thick Film Chip Resistors / Low Resistance Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
155
°C
70
°C
Ambient Temperature (
°C)
20
40
60
80
100
–55
°C
2B, 3R, 3B, 6R, 6B, 8R, 8B,
14R, 14B, 12R, 1TR,
L03, L06, L08, L14, L12, L1D, L1W
6BW, 8BW
125
°C
W
T
φA
φC
TT
T
A
P0
P2
P1
P1
φD0
φD1 (Only Emboss)
(2 mm pitch)
● Taping Reel
Packaging Methods (Taping)
● Standard Quantity
● Carrier Tape
Type
Kind of Taping
Pitch (P1)Quantity
ERJ2BW
Pressed Carrier Taping
2 mm
10000 pcs./reel
ERJ2BS, 2BQ
Punched Carrier Taping
ERJ3R, 3B, L03
4 mm
5000 pcs./reel
ERJ6R, 6B, L06
ERJ8R, 8B, L08
ERJ14R, 14B, L14
Embossed Carrier Taping
ERJ12R, L12
ERJL1D
ERJ1TR
4000 pcs./reel
ERJL1W
3000 pcs./reel
(Unit : mm)
Type
φA
φB
φC
WT
ERJ2B
180.0
+0
60 min. 13.0
±1.0
9.0
±1.0
11.4
±1.0
ERJ3R, 3B, L03
ERJ6R, 6B, L06
ERJ8R, 8B, L08
ERJ14R, 14B, L14
ERJ12R, L12
13.0
±1.0
15.4
±2.0
ERJL1D
ERJ1TR
ERJL1W
(Unit : mm)
–3.0
Type
A
B
W
F
E
P
1
P
2
P
0
φD
0
T
φD
1
ERJ2BW
0.67
±0.10
1.17
±0.10
8.00
±0.20
3.50
±0.05
1.75
±0.10
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.61
±0.05
ERJ2BS, 2BQ
0.67
±0.05
1.17
±0.05
0.52
±0.05
ERJ3R, 3B, L03
1.10
±0.10
1.90
±0.05
4.00
±0.10
0.70
±0.05
ERJ6BW
1.55
±0.15
2.30
±0.20
0.84
±0.05
ERJ6R, 6B, L06
1.65
±0.15
2.50
±0.20
ERJ8BW, 8R, 8B, L08 2.00
±0.15
3.60
±0.20
ERJ14R, 14B, L14
2.80
±0.20
3.50
±0.20
8.00
±0.30
1.00
±0.10
1.0
+0.10
ERJ12R, L12
3.50
±0.20
4.80
±0.20
12.00
±0.30
5.50
±0.20
1.5 min.
ERJL1D
2.80
±0.20
5.30
±0.20
ERJ1TR
3.60
±0.20
6.90
±0.20
ERJL1W
3.60
±0.20
6.90
±0.20
1.60
±0.10
−0
−0
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Pressed Carrier
Punched Carrier
Embossed Carrier
Feb. 2007


Similar Part No. - ERJ14BSFR22U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ14BSFR22U PANASONIC-ERJ14BSFR22U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BSFR22U PANASONIC-ERJ14BSFR22U Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ14BSFR22U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com