Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2739T1A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPA2739T1A
Description  P-channel MOSFET -30 V, -85 A, 2.8 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2739T1A Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPA2739T1A Datasheet HTML 1Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 2Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 3Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 4Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 5Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 6Page - Renesas Technology Corp UPA2739T1A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0885EJ0102 Rev.1.02
Page 1 of 6
Nov 28, 2012
Data Sheet
μPA2739T1A
P-channel MOSFET
–30 V, –85 A, 2.8 m
Ω
Description
The
μ PA2739T1A is P-channel MOS Field Effect Transistors designed for high current switching applications.
Features
• V
DSS = −30 V (TA = 25°C)
• Low on-state resistance
⎯ R
DS(on) = 2.8 mΩ MAX. (VGS = −10 V, ID = −46 A)
⎯ R
DS(on) = 5.7 mΩ MAX. (VGS = −4.5 V, ID = −23 A)
• 4.5 V Gate-drive available
• Thin type surface mount package with heat spreader
• Halogen free
Ordering Information
Part No.
LEAD PLATING
PACKING
Package
μ PA2739T1A-E2-AY∗1
Pure Sn
Tape 3000 p/reel
8-pin HVSON(6051)
0.1 g TYP.
Note: 1. Pb-free (This product does not contain Pb in external electrode.)
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
−30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
m85
A
Drain Current (pulse)
1
ID(pulse)
m180
A
Total Power Dissipation
2
PT1
1.5
W
Total Power Dissipation (PW = 10 sec)
2
PT2
4.6
W
Total Power Dissipation (TC = 25°C)
PT3
83
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
3
IAS
-40
A
Single Avalanche Energy
3
EAS
160
mJ
Thermal Resistance
Channel to Ambient Thermal Resistance ∗2
Rth(ch-A)
83.3
°C/W
Channel to Ambient Thermal Resistance ∗2
Rth(ch-C)
1.5
°C/W
Notes: 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Mounted on a glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mmt
3. Starting Tch = 25°C, VDD = −15 V, RG = 25 Ω, VGS = −20 → 0 V, L = 100 μH
R07DS0885EJ0102
Rev.1.02
Nov 28, 2012
8-pin HVSON(6051)


Similar Part No. - UPA2739T1A

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
UPA2730TP RENESAS-UPA2730TP Datasheet
215Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
UPA2731T1A RENESAS-UPA2731T1A Datasheet
350Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2731T1A-E1-AZ RENESAS-UPA2731T1A-E1-AZ Datasheet
350Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2731T1A-E2-AZ RENESAS-UPA2731T1A-E2-AZ Datasheet
350Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - UPA2739T1A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7660 FAIRCHILD-FDMS7660 Datasheet
296Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 2.8 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
logo
Renesas Technology Corp
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
   P-channel MOSFET -30 V, -11 A, 13 m
UPA2815T1S RENESAS-UPA2815T1S Datasheet
189Kb / 7P
   P-channel MOSFET-30 V, ??1 A, 11 m
UPA2735GR RENESAS-UPA2735GR Datasheet
188Kb / 8P
   P-channel MOSFET -30 V, -16 A, 5.0 m
UPA2736GR RENESAS-UPA2736GR Datasheet
205Kb / 8P
   P-channel MOSFET -30 V, -14 A, 7.0 m
logo
Fairchild Semiconductor
FDMS6673BZ FAIRCHILD-FDMS6673BZ Datasheet
283Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -28 A, 6.8 m?
logo
ON Semiconductor
NVTYS004N03CL ONSEMI-NVTYS004N03CL Datasheet
343Kb / 8P
   MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com