Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVHD1E220P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVHD1E220P
Description  SMT Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVHD1E220P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVHD1E220P Datasheet HTML 1Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 2Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 3Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 4Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 5Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 6Page - Panasonic Semiconductor EEVHD1E220P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
35
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
SMT Aluminum Electrolytic Capacitors
9








































(
)
*
%
&
'
)
*
%
&
'
'
(
)
*
%
&
'
(
)
*
*
%
%
%
%
&
'
(
)
*
(
)
*
(
)
)
*












































































((9+'$3
((9+'$3
((9+'$3
((9+'&5
((9+'&5
((9+'&3
((9+'&3
((9+'&3
((9+'(55
((9+'(5
((9+'(3
((9+'(3
((9+'(3
((9+'(3
((9+'(3
((9+'955
((9+'95
((9+'93
((9+'93
((9+'93
((9+'93
((9+'93
((9+'+55
((9+'+55
((9+'+55
((9+'+55
((9+'+55
((9+'+3
((9+'+3
((9+'+3
((9+'+3
((9+'-3
((9+'-3
((9+'-3
((9+'$53
((9+'$53
((9+'$3
((9+'$3












































































6WDQGDUG 3URGXFWV
Q
“)
PP
PP
P$
6SHFLILFDWLRQ
'LD
/HQJWK
7DSLQJ
&DVH VL]H
&DS
‘
:9
5LSSOH
&XUUHQW
+]

°&
6L]H
&RGH
,PSH
GDQFH
N+]

°&
WDQ
δ
+]

°&
SFV

















































































3DUW 1R
5R+6
QRW FRPSOLDQW
0LQ
3DFNDJLQJ
4W\






































An explanation of the taping dimensions can be found on page 84.
Reflow profiles can be found on page 86.
Endurance: 105ºC 5000h
Frequency (Hz)
50
f <100100
f <1k 1k
f <10k
10k
f
0.70
1.0
1.3
1.7
coefficient
■ Frequency Correction Factor of Rated Ripple Current


Similar Part No. - EEVHD1E220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVHD1E220P PANASONIC-EEVHD1E220P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
More results

Similar Description - EEVHD1E220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
EEV-FC1E330P PANASONIC-EEV-FC1E330P Datasheet
860Kb / 7P
   SMT Aluminum Electrolytic Capacitors
ECE-V2AA330P PANASONIC-ECE-V2AA330P Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com