Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2-L-H-24V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TXS2-L-H-24V
Description  New pin layout (LT type) added
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-L-H-24V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TXS2-L-H-24V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-L-H-24V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TX-S
ORDERING INFORMATION
New pin layout (LT type)
added. Ultra high sensitivity
realized at 50 mW nominal
operating power
TX-S RELAYS
TESTING
FEATURES
1. Nominal operating power:
High sensitivity of 50mW
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 50 mW (minimum operating
power of 32 mW) has been achieved.
2. Compact size
15.0(L)
× 7.4(W) × 8.2(H) .591(L) ×
.291(W)
× .323(H)
Compliance with RoHS Directive
3. High contact reliability
High contact reliability is achieved by
the use of gold-clad twin crossbar
contacts, low-gas formation materials,
mold sealing the coil section, and by
controlling organic gas in the coil.
*We also offer a range of products
with AgPd contacts suitable for use
in low level load analog circuits
(Max. 10V DC 10 mA).
*SX relays designed for low level
loads are also available.
4. Outstanding surge resistance.
Surge breakdown voltage between
open contacts:
1,500 V 10
×160 µsec. (FCC part 68)
Surge breakdown voltage between
contact and coil:
2,500 V 2
×10 µsec. (Telcordia)
5. Low thermal electromotive force
(approx. 0.3
µV)
The structure of the mold-sealed body
block of the coil section achieves
nominal operating power of 50 mW
and high sensitivity, along with low
thermal electromotive force, reduced
to approximately 0.3
µV.
6. A range of surface-mount types is
also available.
SA: Low-profile surface-mount
terminal type
SL: High connection reliability surface-
mount terminal type
SS: Space saving surface-mount
terminal type
7. Sealed construction allows
automatic washing.
TYPICAL APPLICATIONS
1. Communications
(XDSL, Transmission)
2. Measurement
3. Security
4. Home appliances, and audio/visual
equipment
5. Automotive equipment
6. Medical equipment
Nominal coil voltage (DC)
1.5, 3, 4.5, 6, 9, 12, 24V
Contact arrangement
2: 2 Form C
TXS
2
Terminal shape
Nil:
H:
Standard PC board terminal or surface-mount terminal
Self-clinching terminal
Contact material
Nil:
1:
Standard contact (Ag+Au clad)
AgPd contact (low level load); AgPd+Au clad (stationary), AgPd (movable)
Operating function
Nil:
L:
L2:
LT:
Single side stable
1 coil latching
2 coil latching
2 coil latching
Surface-mount availability
Nil:
SA:
SL:
SS:
Standard PC board terminal type or self-clinching terminal type
SA type
SL type
SS type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/3/4/5-pin side)
Tape and reel packing (picked from the 8/9/10/12-pin side)
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - TXS2-L-H-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-L-1.5V PANASONIC-TXS2-L-1.5V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-L-12V PANASONIC-TXS2-L-12V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-L-24V PANASONIC-TXS2-L-24V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-L-3V PANASONIC-TXS2-L-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-L-4.5V PANASONIC-TXS2-L-4.5V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TXS2-L-H-24V

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
   ADDED PIN LAYOUT AND IDENTIFICATION
logo
STMicroelectronics
AN821 STMICROELECTRONICS-AN821 Datasheet
40Kb / 4P
   NEW LAYOUT INSULATION REQUIREMENT
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Omron Electronics LLC
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
   ADDED TERMINAL POLARITY
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com