Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1C273LA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETHC1C273LA
Description  Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1C273LA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETHC1C273LA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1C273LA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
27000
35 x 35
4.80
5.52
0.021
0.016
33000
30 x 45
5.50
6.33
0.018
0.013
35 x 40
5.50
6.33
0.018
0.014
39000
30 x 50
5.80
6.67
0.017
0.013
35 x 45
5.80
6.67
0.017
0.014
47000
35 x 50
6.30
7.25
0.017
0.014
4700
22 x 25
2.20
2.53
0.106
0.079
5600
22 x 30
2.40
2.76
0.089
0.067
25 x 25
2.40
2.76
0.089
0.067
6800
22 x 35
2.60
2.99
0.073
0.055
8200
22 x 40
2.90
3.34
0.061
0.045
25 x 30
2.90
3.34
0.061
0.045
10000
22 x 45
3.20
3.68
0.050
0.037
25 x 35
3.20
3.68
0.050
0.037
30 x 25
3.20
3.68
0.050
0.037
12000
25 x 40
3.50
4.03
0.041
0.031
30 x 30
3.50
4.03
0.041
0.031
35 x 25
3.50
4.03
0.041
0.031
15000
25 x 45
3.90
4.49
0.033
0.025
30 x 35
3.90
4.49
0.033
0.025
35 x 30
3.90
4.49
0.033
0.025
18000
30 x 40
4.30
4.95
0.028
0.021
35 x 35
4.30
4.95
0.028
0.021
22000
30 x 45
5.00
5.75
0.023
0.017
35 x 40
5.00
5.75
0.023
0.017
27000
30 x 50
5.30
6.10
0.018
0.014
35 x 45
5.30
6.10
0.018
0.014
33000
35 x 50
5.90
6.79
0.015
0.012
2700
22 x 25
1.80
2.07
0.154
0.115
3300
22 x 30
2.00
2.30
0.126
0.094
3900
22 x 35
2.20
2.53
0.106
0.080
25 x 25
2.20
2.53
0.106
0.080
4700
22 x 40
2.50
2.88
0.088
0.066
25 x 30
2.50
2.88
0.088
0.066
5600
22 x 45
2.80
3.22
0.074
0.056
25 x 35
2.80
3.22
0.074
0.056
30 x 25
2.80
3.22
0.074
0.056
6800
22 x 50
3.30
3.80
0.061
0.046
25 x 40
3.30
3.80
0.061
0.046
30 x 30
3.30
3.80
0.061
0.046
35 x 25
3.30
3.80
0.061
0.046
8200
25 x 45
3.60
4.14
0.051
0.038
30 x 35
3.60
4.14
0.051
0.038
10000
25 x 50
4.00
4.60
0.041
0.031
30 x 40
4.00
4.60
0.041
0.031
35 x 30
4.00
4.60
0.041
0.031
12000
30 x 45
4.50
5.18
0.035
0.026
35 x 35
4.50
5.18
0.035
0.028
15000
30 x 50
4.80
5.52
0.028
0.021
35 x 40
4.80
5.52
0.028
0.022
18000
35 x 45
5.60
6.44
0.023
0.018
2200
22 x 25
2.00
2.30
0.151
0.113
2700
22 x 30
2.20
2.53
0.123
0.092
25 x 25
2.20
2.53
0.123
0.092
3300
22 x 35
2.50
2.88
0.100
0.075
3900
22 x 40
2.70
3.11
0.085
0.064
25 x 30
2.70
3.11
0.085
0.064
30 x 25
2.70
3.11
0.085
0.064
4700
22 x 45
3.00
3.45
0.071
0.053
25 x 35
3.00
3.45
0.071
0.053
5600
22 x 50
3.30
3.80
0.059
0.044
EETHC1J472HA
EETHC1J272JJ
EETHC1J332HJ
EETHC1J392HJ
EETHC1J392JJ
EETHC1J392KJ
EETHC1J472HJ
EETHC1J272JA
EETHC1J332HA
EETHC1H472JA
EETHC1H272HA
EETHC1H123LA
EETHC1H123KA
EETHC1H103JA
EETHC1H822KA
EETHC1H682JA
EETHC1H682KA
EETHC1H682LA
EETHC1H822JA
EETHC1H472HA
EETHC1V333LA
EETHC1V123LA
EETHC1V153JA
EETHC1V153KA
EETHC1V153LA
EETHC1V183KA
EETHC1J222HJ
EETHC1J222HA
EETHC1J272HA
EETHC1J472JA
EETHC1J562HA
EETHC1H183LA
EETHC1H103KA
EETHC1H103LA
EETHC1H153KA
EETHC1H153LA
EETHC1J392HA
EETHC1J392JA
EETHC1J392KA
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
50 VDC Working, 63 VDC Surge
EETHC1V183LA
EETHC1V223KA
EETHC1V223LA
EETHC1V273KA
EETHC1V273LA
EETHC1V562JA
EETHC1V682HA
EETHC1V822HA
EETHC1V822JA
EETHC1V103HA
EETHC1V103JA
EETHC1V103KA
EETHC1V123JA
EETHC1V123KA
EETHC1V472HA
35 VDC Working, 44 VDC Surge
EETHC1V562HA
EETHC1V472HJ
EETHC1V562HJ
EETHC1V562JJ
EETHC1V103JJ
EETHC1V103KJ
EETHC1V123JJ
EETHC1E393LA
EETHC1E473LA
EETHC1E273LA
EETHC1E333KA
EETHC1H332HA
EETHC1H682HA
EETHC1H562KJ
EETHC1H682HJ
25 VDC Working, 32 VDC Surge (continued)
EETHC1H392JA
EETHC1H562HA
EETHC1H392HA
EETHC1H562JA
EETHC1E333LA
EETHC1E393KA
EETHC1H562KA
EETHC1E273LJ
D x L
Size (mm)
EETHC1E333KJ
EETHC1E333LJ
Panasonic Part Number (By Sleeving Style)
Part numbers shown with 2 pins and 4.0mm length terminals
PET without Top Plate
PVC with Top Plate
EETHC1E393KJ
EETHC1E393LJ
EETHC1E473LJ
EETHC1V183LJ
EETHC1V223KJ
EETHC1V123LJ
EETHC1V153JJ
EETHC1V153KJ
EETHC1V153LJ
EETHC1V183KJ
EETHC1V123KJ
EETHC1V682HJ
EETHC1V822HJ
EETHC1V822JJ
EETHC1V103HJ
EETHC1V223LJ
EETHC1V273KJ
EETHC1V273LJ
EETHC1V333LJ
EETHC1H272HJ
EETHC1H332HJ
EETHC1H392HJ
EETHC1H392JJ
EETHC1H472HJ
EETHC1H472JJ
EETHC1H562HJ
EETHC1H562JJ
EETHC1H682JA
EETHC1H682KJ
EETHC1H682LJ
EETHC1H822JJ
EETHC1H822KJ
EETHC1H103JJ
EETHC1H123KJ
EETHC1H123LJ
EETHC1H103KJ
EETHC1H103LJ
EETHC1H153KJ
EETHC1H153LJ
EETHC1H183LJ
63 VDC Working, 79 VDC Surge
EETHC1J272HJ
EETHC1J472JJ
EETHC1J562HJ
33


Similar Part No. - EETHC1C273LA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1C273LA PANASONIC-EETHC1C273LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1C273LA PANASONIC-EETHC1C273LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1C273LA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com