Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA1M0380RB-TU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA1M0380RB-TU
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0380RB-TU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA1M0380RB-TU Datasheet HTML 1Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 2Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 3Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 4Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 5Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 6Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 7Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 8Page - Fairchild Semiconductor KA1M0380RB-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
3
Electrical Characteristics (SFET part)
(Ta=25
°C unless otherwise specified)
Note:
Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=50
µA
800
-
-
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating,
VGS=0V
--
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
200
µA
Static drain-source on resistance (Note)
RDS(ON)
VGS=10V, ID=1.5A
-
4.0
5.0
Forward transconductance (Note)
gfs
VDS=15V, ID=1.5A
1.5
2.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
779
-
pF
Output capacitance
Coss
-
75.6
-
Reverse transfer capacitance
Crss
-
24.9
-
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=3.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-40-
nS
Rise time
tr
-
95
-
Turn off delay time
td(off)
-
150
-
Fall time
tf
-
60
-
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=3.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
--
34
nC
Gate-source charge
Qgs
-
7.2
-
Gate-drain (Miller) charge
Qgd
-
12.1
-
S
1
R
----
=


Similar Part No. - KA1M0380RB-TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0380 FAIRCHILD-KA1M0380 Datasheet
36Kb / 4P
   Internal high voltage sense FET
More results

Similar Description - KA1M0380RB-TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com