Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1E183LA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETHC1E183LA
Description  Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1E183LA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETHC1E183LA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1E183LA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Aluminum Electrolytic Capacitors
Long life with high capacitance (30% smaller than HB series)
2 and 3 pin versions available
RoHS compliant PVC and RoHS compliant PET sleeve options
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
# of pins:
232
pin length "T":
4.0±0.5mm
4.0±0.5mm
6.3±1mm
22mm
HP
B
25mm
JQ
C
30mm
KRD
35mm
LS
E
Dimensions in millimeters
3
¥CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Sleeving Options: See Part Number listings
2000 hours at +105°C with maximum specified ripple current (see page4)
Endurance:
31
Diameter / Terminal Code
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
Leakage Current:
Ripple Current Multipliers:
TS-HC Series
105°C, 2000 hours
Nominal Capacitance:
270 ~ 100000µF
Rated Working Voltage:
Operating Temperature:
10 ~ 250 VDC
-40 ~ +105°C
± 20%
350 ~ 450 VDC
-25 ~ +105°C
100 ~ 1000µF
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
1.05
60
100~120
500
1k
10k
E
E
T
H
C
Common
Code
Capacitance
Code
Series
Code
T
L+2 max.
D+1 max.
Circuit Board Mounting Holes
10.0±0.1
Ø2.0±0.1
Ø2.0±0.1
4.75±0.1
Ø2.5 min.
3.3±0.1
T
L+2 max.
D+1 max.
10.0±0.1
2 x Ø2.0±0.1
Circuit Board Mounting Holes
2 Pin Mounting Style
3 Pin Mounting Style
Pin Dimensions
4mm Length: Standard on 2 and 3 Pin Mounting Styles
6.3±1.0
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
6.3mm Length: Available on 2 Pin Mounting Style Only
Top of Capacitor Body
4.0±0.5
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
3.5
4.0
2W
2S
2G
2V
2E
2D
2C
2A
1K
1J
1H
1V
1E
25
35
50
63
80
100 160 200 250 350 400 420 450
Voltage Code
1C
16
1A
10
Working Voltage [V]:
Max. D.F. (%):
10
55
25
20
100 ~ 450
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
16
45
25
35
35
30
50
63
80
17
Ripple Current Ambient Temperature Factors*
”45°C
2.35
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.7
2.0
2.2
105°C
1.0
RoHS
Compliant


Similar Part No. - EETHC1E183LA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1E183LA PANASONIC-EETHC1E183LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1E183LA PANASONIC-EETHC1E183LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1E183LA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com