Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADJ26012 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ADJ26012
Description  1-pole/2-pole 16A polarized power relays Variety of contact arrangements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJ26012 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ADJ26012 Datasheet HTML 1Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 2Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 3Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 4Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 5Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 6Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 7Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 8Page - Panasonic Semiconductor ADJ26012 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
2) Sealed type
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
2. With a test button
Flux-resistant type
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
Contact arrangement
Nominal coil voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
1 Form C
5V DC
ADJ16005
ADJ12005
ADJ14005
6V DC
ADJ16006
ADJ12006
ADJ14006
12V DC
ADJ16012
ADJ12012
ADJ14012
24V DC
ADJ16024
ADJ12024
ADJ14024
48V DC
ADJ16048
ADJ12048
ADJ14048
1 Form A
5V DC
ADJ26005
ADJ22005
ADJ24005
6V DC
ADJ26006
ADJ22006
ADJ24006
12V DC
ADJ26012
ADJ22012
ADJ24012
24V DC
ADJ26024
ADJ22024
ADJ24024
48V DC
ADJ26048
ADJ22048
ADJ24048
1 Form B
5V DC
ADJ36005
Please use 1 Form A.
Please use 1 Form A.
6V DC
ADJ36006
12V DC
ADJ36012
24V DC
ADJ36024
48V DC
ADJ36048
1 Form A 1 Form B
5V DC
ADJ46005
ADJ42005
ADJ44005
6V DC
ADJ46006
ADJ42006
ADJ44006
12V DC
ADJ46012
ADJ42012
ADJ44012
24V DC
ADJ46024
ADJ42024
ADJ44024
48V DC
ADJ46048
ADJ42048
ADJ44048
2 Form C
5V DC
ADJ56005
ADJ52005
ADJ54005
6V DC
ADJ56006
ADJ52006
ADJ54006
12V DC
ADJ56012
ADJ52012
ADJ54012
24V DC
ADJ56024
ADJ52024
ADJ54024
48V DC
ADJ56048
ADJ52048
ADJ54048
2 Form A
5V DC
ADJ66005
ADJ62005
ADJ64005
6V DC
ADJ66006
ADJ62006
ADJ64006
12V DC
ADJ66012
ADJ62012
ADJ64012
24V DC
ADJ66024
ADJ62024
ADJ64024
48V DC
ADJ66048
ADJ62048
ADJ64048
2 Form B
5V DC
ADJ76005
Please use 2 Form A.
Please use 2 Form A.
6V DC
ADJ76006
12V DC
ADJ76012
24V DC
ADJ76024
48V DC
ADJ76048
Contact arrangement
Nominal coil voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
1 Form C
5V DC
ADJ15105
ADJ11105
ADJ13105
6V DC
ADJ15106
ADJ11106
ADJ13106
12V DC
ADJ15112
ADJ11112
ADJ13112
24V DC
ADJ15124
ADJ11124
ADJ13124
48V DC
ADJ15148
ADJ11148
ADJ13148
1 Form A
5V DC
ADJ25105
ADJ21105
ADJ23105
6V DC
ADJ25106
ADJ21106
ADJ23106
12V DC
ADJ25112
ADJ21112
ADJ23112
24V DC
ADJ25124
ADJ21124
ADJ23124
48V DC
ADJ25148
ADJ21148
ADJ23148
1 Form B
5V DC
ADJ35105
Please use 1 Form A.
Please use 1 Form A.
6V DC
ADJ35106
12V DC
ADJ35112
24V DC
ADJ35124
48V DC
ADJ35148


Similar Part No. - ADJ26012

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
   P cores and accessories
More results

Similar Description - ADJ26012

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Fujitsu Component Limit...
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com