Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1AFSN-DC24V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JW1AFSN-DC24V
Description  COMPACT PC BOARD POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW1AFSN-DC24V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JW1AFSN-DC24V Datasheet HTML 1Page - Panasonic Semiconductor JW1AFSN-DC24V Datasheet HTML 2Page - Panasonic Semiconductor JW1AFSN-DC24V Datasheet HTML 3Page - Panasonic Semiconductor JW1AFSN-DC24V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JW
3
2 Form A
0.5
.020
0.3
.012
0.3
.012
0.4
.016
20
.787
3.6
.142
12.8
.504
1.1
.043
1.3
.051
28.6
1.128 20
.787
5
.197
7.5
.299
0.8
.031
PC board pattern
(Copper-side view)
Tolerance: ±0.1 ±.004
Wiring diagram (Bottom view)
20
.787
6-1.3 dia.
6-.051 dia.
1.3
.051
5
.197
7.5
.295
Relay outline
COM
COIL
N.O.
2 Form C
0.5
.020
0.3
.012
0.5
.020
0.3
.012
0.4
.016
20
.787
3.6
.142
5
.197
5
.197
12.8
.504
1.1
.043
1.3
.051
28.6
1.128
15
.591
7.5
.295
0.8
.031
PC board pattern
(Copper-side view)
Tolerance: ±0.1 ±.004
Wiring diagram (Bottom view)
15
.591
6-1.3 dia.
6-.051 dia.
1.3
.051
5
.197
5
.197
7.5
.295
Relay outline
COM
COIL
N.O.
N.C.
Dimension :
General tolerance
Max. 1mm .039 inch
±
0.1 ±.004
1 to 3mm .039 to .118 inch ±0.2 ±.008
Min. 3mm .118 inch
±
0.3 ±.012
REFERENCE DATA
1-(1). Maximum operating power
1 Form A Standard (5 A) type
1-(2). Maximum operating power
1 Form A High Capacity (10 A) type
2-(1). Life curve
1 Form A Standard (5 A) type
10
100
10
100
1,000
1
Contact voltage, V
DC resistive load
AC resistive
load
10
100
10
100
1,000
1
Contact voltage, V
DC resistive load
AC resistive
load
100
10
510
15
Contact current, A
250 V AC resistive load
30 V DC resistive load
(cos
ϕ =1.0)
DIMENSIONS
mm inch
1 Form A
0.5
.020
0.3
.012
0.3
.012
0.4
.016
12.8
.504
7.6
.299
1.1
.043
2.4
.094
3.5
.138
0.9
.035
28.6
1.126
20
.787
Stand-off
20
.787
3.6
.142
PC board pattern
(Copper-side view)
Tolerance: ±0.1 ±.004
Wiring diagram (Bottom view)
20
.787
4-1.3 dia.
4-.051 dia.
2.4
.094
3.5
.138
7.6
.299
Relay outline
12.8
.504
COM
N.O.
COIL
1 Form C
0.5
.020
0.3
.012
0.5
.020
0.3
.012
0.4
.016
20
.787
3.6
.142
3.5
.138
3.5
.138
12.8
.504
1.1
.043
2.4
.094
28.6
1.128 16.5
.650
7.6
.299
0.8
.031
PC board pattern
(Copper-side view)
Tolerance: ±0.1 ±.004
Wiring diagram (Bottom view)
16.5
.650
5-1.3 dia.
5-.051 dia.
2.4
.094
3.5
.138
3.5
.138
7.6
.299
Relay outline
COM
COIL
N.C.
N.O.
Dimension :
General tolerance
Max. 1mm .039 inch
±
0.1 ±.004
1 to 3mm .039 to .118 inch ±0.2 ±.008
Min. 3mm .118 inch
±
0.3 ±.012


Similar Part No. - JW1AFSN-DC24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW1AFSN-DC24V NAIS-JW1AFSN-DC24V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1AFSN-DC24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW1ASN-DC5V NAIS-JW1ASN-DC5V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-4 MACOM-2-1440002-4 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
   20A Miniature Power PC Board Relay
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
PCFN-124D2M MACOM-PCFN-124D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
OMF-S-124LM MACOM-OMF-S-124LM Datasheet
167Kb / 2P
   20A Miniature Power PC Board Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com