Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SA-L-H-4.5V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TX2SA-L-H-4.5V
Description  2 AMP, HIGH CAPACITY RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-L-H-4.5V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TX2SA-L-H-4.5V Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-L-H-4.5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - TX2SA-L-H-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-L-1.5V PANASONIC-TX2SA-L-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-1.5V-Z PANASONIC-TX2SA-L-1.5V-Z Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-12V PANASONIC-TX2SA-L-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-12V-Z PANASONIC-TX2SA-L-12V-Z Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-24V PANASONIC-TX2SA-L-24V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2SA-L-H-4.5V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
   RELAY - LATCH 2 PDT, 2 AMP
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
   2 Amp Solid State Relay
PCS4 PICKER-PCS4_17 Datasheet
2Mb / 2P
   2 Amp Solid State Relay
logo
Leach International Cor...
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com